전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3350 데이터시트(PDF) 66 Page - STMicroelectronics

부품명 AN3350
상세설명  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 데이터시트(HTML) 66 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 62Page - STMicroelectronics AN3350 Datasheet HTML 63Page - STMicroelectronics AN3350 Datasheet HTML 64Page - STMicroelectronics AN3350 Datasheet HTML 65Page - STMicroelectronics AN3350 Datasheet HTML 66Page - STMicroelectronics AN3350 Datasheet HTML 67Page - STMicroelectronics AN3350 Datasheet HTML 68Page - STMicroelectronics AN3350 Datasheet HTML 69Page - STMicroelectronics AN3350 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 185 page
background image
Working with the assembler
AN3350
66/185
Doc ID 018512 Rev 2
jmp Start+5
; Warning - an expression
jmp There
; OK (assuming a label)
jmp Here
; Warning (a symbol that is not a label)
jmp .
; Warning (a symbol that is not a label)
10.4.6
Code checking
During code analysis, as when the -lint option is used, you can assume that:
●
Every instruction and label defined in the code is reachable.
●
Instructions without a label at their address are reached only after following the
previous instruction. This, in turn, is assumed to originate from the previous address.
●
For every instruction, its following instruction must also be known (this does not include
indirect and scheduler related change of flow instructions).
Deviations from the last convention are flagged as ill-formed code and may cause the tool to
reject input, as shown in Example 5.
Example 5 Deviations from convention in code
Start:
nop
move r1,r12
; can only be executed after the nop
Loop_prefix:
.align 4
; Invalid - current instruction is not known
Loop:
addi r4,1
.word 0x187983
; Invalid - code flow interrupted by data
sub.f r2,r2,r3
jmp.n zero,Loop
nop
; Invalid - what next?
10.5
eTPU assembler preprocessor
The etpu_bins preprocessor enables macro definitions, conditional assembling, and multi-
level file inclusion. These are achieved through preprocessor directives and operations.
Preprocessor directives features lines with special syntax that are recognized and
processed (by the preprocessor) based on their meaning. All directives are placed at the
beginning of the line and start with the pound character (#). With 'operations', the directives
are placed inside lines and are replaced accordingly by the preprocessor.
All objects handled by the preprocessors are sequences of characters called 'tokens'.
Tokens types can be numbers, symbols, attributes, strings and operators. Consequently, the
arguments for some preprocessor directives and operations might be limited to specific
types (e.g. the '#include' directive expects its argument to be a single string) or behave
according to the type of the argument (e.g. the '%str(X)' operation tests for a single string
token).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More