전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3350 데이터시트(PDF) 100 Page - STMicroelectronics

부품명 AN3350
상세설명  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 데이터시트(HTML) 100 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 96Page - STMicroelectronics AN3350 Datasheet HTML 97Page - STMicroelectronics AN3350 Datasheet HTML 98Page - STMicroelectronics AN3350 Datasheet HTML 99Page - STMicroelectronics AN3350 Datasheet HTML 100Page - STMicroelectronics AN3350 Datasheet HTML 101Page - STMicroelectronics AN3350 Datasheet HTML 102Page - STMicroelectronics AN3350 Datasheet HTML 103Page - STMicroelectronics AN3350 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 185 page
background image
C compiler
AN3350
100/185
Doc ID 018512 Rev 2
12.3.8
The __builtin_constant_p() operator
When the GCC extensions setting is on, the compiler recognizes the
__builtin_constant_p()
operator. This compile-time operator takes a single argument
and returns 1 if the argument is a constant expression or 0 if it is not.
12.3.9
Forward declarations of static arrays
When the GCC extensions setting is on, the compiler will not issue an error when you
declare a static array without specifying the number of elements in the array if you later
declare the array completely.Example 43 shows an example.
Example 43 Forward declaration of an empty array
static int a[]; /* Allowed only when GCC extensions are on. */
/* ... */
static int a[10]; /* Complete declaration. */
12.3.10
Omitted operands in conditional expressions
When the GCC extensions setting is on, you may skip the second expression in a
conditional expression. The default value for this expression is the first expression.Example
44 shows an example.
Example 44 Using the shorter form of the conditional expression
void f(int i, int j)
{
int a = i ? i : j;
int b = i ?: j; /* Equivalent to int b = i ? i : j; */
/* Variables a and b are both assigned the same value. */
}
12.3.11
The __builtin_expect() operator
When the GCC extensions setting is on, the compiler recognizes the
__builtin_expect()
operator. Use this compile-time operator in an if or while
statement to specify to the compiler how to generate instructions for branch prediction.
This compile-time operator takes two arguments:
●
The first argument must be an integral expression
●
The second argument must be a literal value
The second argument is the most likely result of the first argument.Example 45 shows an
example.
Example 45 Example for __builtin_expect() operator
void search(int *array, int size, int key)
{
int i;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More