전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3350 데이터시트(PDF) 76 Page - STMicroelectronics

부품명 AN3350
상세설명  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 데이터시트(HTML) 76 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 72Page - STMicroelectronics AN3350 Datasheet HTML 73Page - STMicroelectronics AN3350 Datasheet HTML 74Page - STMicroelectronics AN3350 Datasheet HTML 75Page - STMicroelectronics AN3350 Datasheet HTML 76Page - STMicroelectronics AN3350 Datasheet HTML 77Page - STMicroelectronics AN3350 Datasheet HTML 78Page - STMicroelectronics AN3350 Datasheet HTML 79Page - STMicroelectronics AN3350 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 185 page
background image
Working with the ELF linker
AN3350
76/185
Doc ID 018512 Rev 2
11
Working with the ELF linker
This chapter documents the Executable and Linkable Format (ELF) Linker. The linker is a
command line tool used to join relocatable ELF object files into an executable ELF file. The
linker accepts the names of object and library files as arguments and produces its result by
arranging their content according to directives and templates that reside in a Linker
Command File. Most aspects of the linking process are described in the LCF file, and some
can be controlled by using command line arguments (for contradicting options - the
command line ones take precedence over the LCF).
The ELF Linker has several extended functions that allow you to manipulate code in different
ways. You can define variables during linking, control the link order to the granularity of a
single section, and change the alignment.
You access these functions through commands in the linker command file (LCF). The linker
command file has its own syntax complete with keywords, directives, and expressions, that
you use to manipulate the linker. The command file syntax and structure is similar to that of
a programming language, and is described in these sections:
●
Invocation and command line switches describes the command line switches
●
Structure of linker command files describes command file organization
●
Linker command file syntax shows how to direct the linker for specific tasks
●
Alphabetical keyword listing an alphabetical listing of LCF functions and commands
●
Code and data sections shows how to determine to which memory space a section
loads
11.1
Invocation and command line switches
This section shows the command line switches that linker supports.
Following is the syntax for linker usage:
etpu_bins --ld <linker arguments>
Table 9 describes each of the command line switches that linker supports.
Table 9.
Linker command line switches
Options
Switch
Description
General options
-h -help
Display usage message
-V -version
Display version number
-err <file>
Log errors to file
-o -out <file>
Specify output file name
-f <file>
Read more arguments from a file
-arch <string>
Choose architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More