전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3350 데이터시트(PDF) 42 Page - STMicroelectronics

부품명 AN3350
상세설명  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 데이터시트(HTML) 42 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 38Page - STMicroelectronics AN3350 Datasheet HTML 39Page - STMicroelectronics AN3350 Datasheet HTML 40Page - STMicroelectronics AN3350 Datasheet HTML 41Page - STMicroelectronics AN3350 Datasheet HTML 42Page - STMicroelectronics AN3350 Datasheet HTML 43Page - STMicroelectronics AN3350 Datasheet HTML 44Page - STMicroelectronics AN3350 Datasheet HTML 45Page - STMicroelectronics AN3350 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 185 page
background image
Command-line options for preprocessing
AN3350
42/185
Doc ID 018512 Rev 2
Syntax
-EP
Remarks
This option is global and case sensitive.
6.7
-gccincludes
Controls the compilers use of GCC #include semantics.
Syntax
-gccinc[ludes]
Remarks
Use -gccincludes to control the compiler understanding of Gnu Compiler Collection
(GCC) semantics. When enabled, the semantics include:
●
Adds -I- paths to the systems list if -I- is not already specified
●
Search referencing file’s directory first for #include files (same as -cwd include)
The compiler and IDE only search access paths, and do not take the currently
#include
file into account.
This command is global.
6.8
-I-
Changes the build target’s search order of access paths to start with the system paths list.
Syntax
-I-
-i-
Remarks
The compiler can search #include files in several different ways. Use -I- to set the
search order as follows:
●
For include statements of the form #include "xyz", the compiler first searches user
paths, then the system paths
●
For include statements of the form #include <xyz>, the compiler searches only
system paths
This command is global.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More