전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3350 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 AN3350
상세설명  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 17Page - STMicroelectronics AN3350 Datasheet HTML 18Page - STMicroelectronics AN3350 Datasheet HTML 19Page - STMicroelectronics AN3350 Datasheet HTML 20Page - STMicroelectronics AN3350 Datasheet HTML 21Page - STMicroelectronics AN3350 Datasheet HTML 22Page - STMicroelectronics AN3350 Datasheet HTML 23Page - STMicroelectronics AN3350 Datasheet HTML 24Page - STMicroelectronics AN3350 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 185 page
background image
AN3350
Using build tools
Doc ID 018512 Rev 2
21/185
tool -help usage
where tool is the name of the eTPU build tools.
2.3.1
Parameter formats
Parameters in an option are formatted as follows:
A parameter included in brackets “[]” is optional.
Use of the ellipsis “...” character indicates that the previous type of parameter may be
repeated as a list.
2.3.2
Option formats
Options are formatted as follows:
For most options, the option and the parameters are separated by a space as in
“-xxx param”.
When the option’s name is “-xxx+”, however, the parameter must directly follow the
option, without the “+” character (as in “-xxx45”) and with no space separator.
An option given as “-[no]xxx” may be issued as “-xxx” or “-noxxx”.
The use of “-noxxx” reverses the meaning of the option.
When an option is specified as “-xxx | yy[y] | zzz”, then either “-xxx”,
“-yy”, “-yyy”, or “-zzz” matches the option.
The symbols “,” and “=” separate options and parameters unconditionally; to include
one of these symbols in a parameter or filename, escape it (e.g., as “\,” in mwcc
file.c\,v)
.
2.3.3
Common terms
These common terms appear in many option descriptions:
A “cased” option is considered case-sensitive. By default, no options are case-
sensitive.
“Compatibility” indicates that the option is borrowed from another vendor’s tool and its
behavior may only approximate its counterpart.
A “global” option has an effect over the entire command line and is parsed before any
other options. When several global options are specified, they are interpreted in order.
A “deprecated” option will be eliminated in the future and should no longer be used. An
alternative form is supplied.
An “ignored” option is accepted by the tool but has no effect.
A “meaningless” option is accepted by the tool but probably has no meaning for the
target operating system.
An “obsolete” option indicates a deprecated option that is no longer available.
A “substituted” option has the same effect as another option. This points out a preferred
form and prevents confusion when similar options appear in the help.
Use of “default” in the help text indicates that the given value or variation of an option is
used unless otherwise overridden.
This tool calls the linker (unless a compiler option such as -c prevents it) and understands
linker options – use “-help tool=other” to see them. Options marked “passed to linker”
are used by the compiler and the linker; options marked “for linker” are used only by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More