전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3350 데이터시트(PDF) 69 Page - STMicroelectronics

부품명 AN3350
상세설명  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 데이터시트(HTML) 69 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 65Page - STMicroelectronics AN3350 Datasheet HTML 66Page - STMicroelectronics AN3350 Datasheet HTML 67Page - STMicroelectronics AN3350 Datasheet HTML 68Page - STMicroelectronics AN3350 Datasheet HTML 69Page - STMicroelectronics AN3350 Datasheet HTML 70Page - STMicroelectronics AN3350 Datasheet HTML 71Page - STMicroelectronics AN3350 Datasheet HTML 72Page - STMicroelectronics AN3350 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 185 page
background image
AN3350
Working with the assembler
Doc ID 018512 Rev 2
69/185
next\@:
#endm
The mechanism implementing this behavior replaces these labels with new ones that use an
integer counter beginning with zero and incremented on each call.
Default values for macros
Both types of macros accept default values for their parameters. Default values can be set to
the last parameters by using the equal character (=). The value assigned is the following
sequence of tokens ending at the first comma met. For the last parameter, default value
ends at the closing right parenthesis (in single-line macros) or at the end of the line (in multi-
line macros), as shown in Example 7.
Example 7 Appropriate macro ending
#macro ADD R, A = 2, B = 3
movei R, A + B
#endm
ADD a, 34
ADD a,78,98
ADD a
The macro in Example 7 expands to the code in Example 8.
Example 8 Macro expansion
movei a, 34 + 3
movei a, 78 + 98
movei a, 2 + 3
Note:
The actual number of arguments passed in a call can be obtained using %0.
10.6
Macro-related directives
See Table 8 for macro-related directives.
Table 8.
Macro-related directives
Directive
Explanation
#assign
Allows you to quickly delete and redefine the value of a single-line
macro with no parameters.
#define
Defines a single-line macro as explained in Section 10.5.2: Regular
(single-line) macros. Single-line macros can be declared inside
multi-line macros.
#endm
Ends a macro definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More