전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3350 데이터시트(PDF) 51 Page - STMicroelectronics

부품명 AN3350
상세설명  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 데이터시트(HTML) 51 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 47Page - STMicroelectronics AN3350 Datasheet HTML 48Page - STMicroelectronics AN3350 Datasheet HTML 49Page - STMicroelectronics AN3350 Datasheet HTML 50Page - STMicroelectronics AN3350 Datasheet HTML 51Page - STMicroelectronics AN3350 Datasheet HTML 52Page - STMicroelectronics AN3350 Datasheet HTML 53Page - STMicroelectronics AN3350 Datasheet HTML 54Page - STMicroelectronics AN3350 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 185 page
background image
AN3350
Command-line options for optimization
Doc ID 018512 Rev 2
51/185
Sets a specific optimization level. The options for num are:
●
0
– Global register allocation only for temporary values. Equivalent to #pragma
optimization_level 0
.
●
1
– Adds dead code elimination, branch and arithmetic optimizations, expression
simplification, and peephole optimization. Equivalent to #pragma
optimization_level 1
.
●
2
– Adds common subexpression elimination, copy and expression propagation, stack
frame compression, stack alignment, and fast floating-point to integer conversions.
Equivalent to: #pragma optimization_level 2.
●
3
– Adds dead store elimination, live range splitting, loop-invariant code motion,
strength reduction, loop transformations, loop unrolling (with -opt speed only), loop
vectorization, lifetime-based register allocation, and instruction scheduling. Equivalent
to optimization_level 3.
●
4
– Like level 3, but with more comprehensive optimizations from levels 1 and 2.
Equivalent to #pragma optimization_level 4.
For num options 0 through 4 inclusive, the default is 0.
[no]space
Optimizes object code for size. Equivalent to #pragma optimize_for_size on.
[no]speed
Optimizes object code for speed. Equivalent to #pragma optimize_for_size off.
[no]cse | [no]commonsubs
Common subexpression elimination. Equivalent to #pragma opt_common_subs.
[no]deadcode
Removes dead code. Equivalent to #pragma opt_dead_code.
[no]deadstore
Removes dead assignments. Equivalent to #pragma opt_dead_assignments.
[no]lifetimes
Computes variable lifetimes. Equivalent to #pragma opt_lifetimes.
[no]loop[invariants]
Removes loop invariants. Equivalent to #pragma opt_loop_invariants.
[no]prop[agation]
Propagation of constant and copy assignments. Equivalent to #pragma
opt_propagation
.
[no]strength
Strength reduction. Reducing multiplication by an array index variable to addition. Equivalent
to #pragma opt_strength_reduction.
[no]dead
Same as -opt [no]deadcode and [no]deadstore. Equivalent to #pragma
opt_dead_code on|off
and #pragma opt_dead_assignments.
[no]peep[hole]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More