전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3350 데이터시트(PDF) 95 Page - STMicroelectronics

부품명 AN3350
상세설명  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 데이터시트(HTML) 95 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 91Page - STMicroelectronics AN3350 Datasheet HTML 92Page - STMicroelectronics AN3350 Datasheet HTML 93Page - STMicroelectronics AN3350 Datasheet HTML 94Page - STMicroelectronics AN3350 Datasheet HTML 95Page - STMicroelectronics AN3350 Datasheet HTML 96Page - STMicroelectronics AN3350 Datasheet HTML 97Page - STMicroelectronics AN3350 Datasheet HTML 98Page - STMicroelectronics AN3350 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 185 page
background image
AN3350
C compiler
Doc ID 018512 Rev 2
95/185
//
and continues until the end of a source code line.
A C-style comment begins with
/*
ends with
*/
and may span more than one line.
12.2.11
C++-style digraphs
When the C99 extensions setting is on, the compiler recognizes C++-style two-character
combinations that represent single-character punctuation. Table 15 lists these digraphs.
12.2.12
Empty arrays in structures
When the C99 extensions setting is on, the compiler allows an empty array to be the last
member in a structure definition. Example 32 shows an example.
Example 32 Example of an empty array as the last struct member
struct {
int r;
char arr[];
} s;
12.2.13
Hexadecimal floating-point constants
Precise representations of constants specified in hexadecimal notation to ensure an
accurate constant is generated across compilers and on different hosts. The compiler
generates a warning message when the mantissa is more precise than the host floating
point format. The compiler generates an error message if the exponent is too wide for the
host float format.
Examples:
0x2f.3a2p3
0xEp1f
Table 15.
C++-style digraphs
This digraph
is equivalent to this character
<:
[
:>
]
<%
{
%>
}
%:
#
%:%:
##



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More