전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3350 데이터시트(PDF) 91 Page - STMicroelectronics

부품명 AN3350
상세설명  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 데이터시트(HTML) 91 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 87Page - STMicroelectronics AN3350 Datasheet HTML 88Page - STMicroelectronics AN3350 Datasheet HTML 89Page - STMicroelectronics AN3350 Datasheet HTML 90Page - STMicroelectronics AN3350 Datasheet HTML 91Page - STMicroelectronics AN3350 Datasheet HTML 92Page - STMicroelectronics AN3350 Datasheet HTML 93Page - STMicroelectronics AN3350 Datasheet HTML 94Page - STMicroelectronics AN3350 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 185 page
background image
AN3350
C compiler
Doc ID 018512 Rev 2
91/185
12.1.3
Unnamed arguments
When ANSI strictness is off, the C compiler allows unnamed arguments in function
definitions. Example 24 shows an example.
Example 24 Unnamed arguments
void f(int) {}
/* OK if ANSI Strict is disabled. */
void f(int i) {} /* Always OK. */
12.1.4
Extensions to the preprocessor
When ANSI strictness is off, the C compiler allows a # to prefix an item that is not a macro
argument. It also allows an identifier after an #endif directive. Example 25 and Example
26 show examples.
Example 25 Using # in macro definitions
#define add1(x) #x #1
/* OK, if ANSI_strict is disabled,
but probably not what you wanted:
add1(abc) creates "abc"#1
*/
#define add2(x) #x "2"
/* Always OK: add2(abc) creates "abc2". */
Example 26 Identifiers after #endif
#ifdef __CWCC__
/* . . . */
#endif __CWCC__ /* OK if ANSI_strict is disabled. */
#ifdef __CWCC__
/* . . . */
#endif /*__CWCC__*/ /* Always OK. */
12.1.5
Non-standard keywords
When the ANSI keywords setting is off, the C compiler recognizes non-standard keywords
that extend the language.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More