전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3350 데이터시트(PDF) 114 Page - STMicroelectronics

부품명 AN3350
상세설명  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 데이터시트(HTML) 114 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 110Page - STMicroelectronics AN3350 Datasheet HTML 111Page - STMicroelectronics AN3350 Datasheet HTML 112Page - STMicroelectronics AN3350 Datasheet HTML 113Page - STMicroelectronics AN3350 Datasheet HTML 114Page - STMicroelectronics AN3350 Datasheet HTML 115Page - STMicroelectronics AN3350 Datasheet HTML 116Page - STMicroelectronics AN3350 Datasheet HTML 117Page - STMicroelectronics AN3350 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 185 page
background image
Declaration specifications
AN3350
114/185
Doc ID 018512 Rev 2
14
Declaration specifications
Declaration specifications describe special properties to associate with a function or
variable at compile time. You insert these specifications in the object’s declaration.
●
Syntax for declaration specifications
●
__declspec(never_inline)
14.1
Syntax for declaration specifications
The syntax for a declaration specification is
__declspec(spec [ options ]) function-declaration;
where spec is the declaration specification, options represents possible arguments for the
declaration specification, and function-declaration represents the declaration of the function.
Unless otherwise specified in the declaration specification’s description, a function’s
definition does not require a declaration specification.
14.2
__declspec(never_inline)
Specifies that a function must not be inlined.
Syntax
__declspec (never_inline) function_prototype;
Remarks
Declaring a function’s prototype with this declaration specification tells the compiler not to
inline the function, even if the function is later defined with the inline, __inline__, or
__inline
keywords.
14.3
Syntax for attribute specifications
The syntax for an attribute specification is
__attribute__((list-of-attributes))
where list-of-attributes is a comma-separated list of zero or more attributes to associate with
the object. Place an attribute specification at the end of the delcaration and definition of a
function, function parameter, or variable. Example 70 shows an example.
Example 70 Example of an attribute specification
int f(int x __attribute__((unused))) __attribute__((never_inline));
int f(int x __attribute__((unused))) __attribute__((never_inline))
{
return 20;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More