전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3350 데이터시트(PDF) 168 Page - STMicroelectronics

부품명 AN3350
상세설명  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 데이터시트(HTML) 168 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 164Page - STMicroelectronics AN3350 Datasheet HTML 165Page - STMicroelectronics AN3350 Datasheet HTML 166Page - STMicroelectronics AN3350 Datasheet HTML 167Page - STMicroelectronics AN3350 Datasheet HTML 168Page - STMicroelectronics AN3350 Datasheet HTML 169Page - STMicroelectronics AN3350 Datasheet HTML 170Page - STMicroelectronics AN3350 Datasheet HTML 171Page - STMicroelectronics AN3350 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 185 page
background image
Pragmas for code generation
AN3350
168/185
Doc ID 018512 Rev 2
Syntax
#pragma min_enum_size 1 | 2 | 4
Remarks
Turning on the enumsalwaysint pragma overrides this pragma. The default is 1.
21.11
pool_strings
Controls how string literals are stored.
Syntax
#pragma pool_strings on | off | reset
Remarks
If you enable this pragma, the compiler collects all string constants into a single data object
so your program needs one data section for all of them. If you disable this pragma, the
compiler creates a unique data object for each string constant. While this decreases the
number of data sections in your program, on some processors it also makes your program
bigger because it uses a less efficient method to store the address of the string.
This pragma is especially useful if your program is large and has many string constants.
Note:
If you enable this pragma, the compiler ignores the setting of the pcrelstrings pragma.
21.12
readonly_strings
Controls whether string objects are placed in a read-write or a read-only data section.
Syntax
#pragma readonly_strings on | off | reset
Remarks
If you enable this pragma, literal strings used in your source code are output to the read-only
data section instead of the global data section. In effect, these strings act like const char
*
, even though their type is really char *.
This pragma does not correspond to any IDE panel setting.
21.13
reverse_bitfields
Controls whether or not the compiler reverses the bitfield allocation.
Syntax
#pragma reverse_bitfields on | off | reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More