전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN9250 데이터시트(PDF) 15 Page - Microchip Technology

부품명 LAN9250
상세설명  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 데이터시트(HTML) 15 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 11Page - Microchip Technology LAN9250 Datasheet HTML 12Page - Microchip Technology LAN9250 Datasheet HTML 13Page - Microchip Technology LAN9250 Datasheet HTML 14Page - Microchip Technology LAN9250 Datasheet HTML 15Page - Microchip Technology LAN9250 Datasheet HTML 16Page - Microchip Technology LAN9250 Datasheet HTML 17Page - Microchip Technology LAN9250 Datasheet HTML 18Page - Microchip Technology LAN9250 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 15
LAN9250
29
A2
ALEHI
-
30
WR/ENB
-
31
RD/RD_WR
-
32
VDDIO
33
A0/D15
AD15
-
34
FIFOSEL
-
35
D3
AD3
SIO3
36
D6
AD6
-
37
VDDIO
38
VDDCR
39
D7
AD7
-
40
D8
AD8
-
41
TESTMODE
42
EESDA/TMS
43
EESCL/TCK
44
IRQ
45
LED2/GPIO2/E2PSIZE
46
LED1/GPIO1/TDI/MNGT1
47
VDDIO
48
LED0/GPIO0/TDO/MNGT0
49
D4
AD4
-
50
D5
AD5
SCS#
51
VDD33TXRX1
52
TXNA
53
TXPA
54
RXNA
55
RXPA
56
VDD12TX1
57
RBIAS
58
VDD33BIAS
59
VDD12TX2
60
RESERVED
61
RESERVED
62
RESERVED
63
RESERVED
TABLE 3-2:
64-TQFP-EP PACKAGE PIN ASSIGNMENTS (CONTINUED)
Pin
Number
HBI Indexed Mode
Pin Name
HBI Multiplexed Mode
Pin Name
SPI Mode
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More