| 전자부품 데이터시트 검색엔진 |
|
LAN9250 데이터시트(PDF) 167 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9250 데이터시트(HTML) 167 Page - Microchip Technology |
|
167 / 421 page ![]() 2015 Microchip Technology Inc. DS00001913A-page 167 LAN9250 11.11.6.2 TX Example 2 In this example, a single 183-Byte Ethernet packet will be transmitted. This packet is in a single buffer as follows: • 2-Byte “Data Start Offset” • 183-Bytes of payload data • 4-Byte “Buffer End Alignment” Figure 11-13 illustrates the TX command structure for this example, and also shows how data is passed to the TX Data FIFO. Note that the packet resides in a single TX Buffer, therefore both the FS and LS bits are set in TX command ‘A’. FIGURE 11-13: TX EXAMPLE 2 TX Command 'A' 0 31 TX Command 'B' Data Written to the Memory Mapped TX Data FIFO Port TX Command 'B' 183-Byte Payload Data Data Start Offset = 6 First Segment = 1 Last Segment = 1 Buffer Size =183 Packet Length = 183 TX Command 'A' TX Command 'B' Data Passed to the TX Data FIFO Buffer End Alignment = 0 3B End Padding TX Command 'A' 6-Byte Data Start Offset 183-Byte Payload Data NOTE: Extra bytes between buffers are not transmitted |