전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VR4102 데이터시트(PDF) 218 Page - NEC

부품명 VR4102
상세설명  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

VR4102 데이터시트(HTML) 218 Page - NEC

Back Button VR4102 Datasheet HTML 214Page - NEC VR4102 Datasheet HTML 215Page - NEC VR4102 Datasheet HTML 216Page - NEC VR4102 Datasheet HTML 217Page - NEC VR4102 Datasheet HTML 218Page - NEC VR4102 Datasheet HTML 219Page - NEC VR4102 Datasheet HTML 220Page - NEC VR4102 Datasheet HTML 221Page - NEC VR4102 Datasheet HTML 222Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 701 page
background image
CHAPTER 8 CACHE MEMORY
218
8.4 CACHE STATES
(1) Cache line
The three terms below are used to describe the state of a cache line:
— Dirty: a cache line containing data that has changed since it was loaded from memory.
— Clean: a cache line that contains data that has not changed since it was loaded from memory.
— Invalid: a cache line that does not contain valid information must be marked invalid, and cannot be used. For
example, after a Soft Reset, software sets all cache lines to invalid. A cache line in any other state than
invalid is assumed to contain valid information. Neither Cold reset nor Soft reset sets caches invalid.
Software can invalidate caches.
(2) Data cache
The data cache supports three cache states:
— invalid
— valid clean
— valid dirty
(3) Instruction cache
The instruction cache supports two cache states:
— invalid
— valid
The state of a valid cache line may be modified when the processor executes a CACHE operation. CACHE
operations are described in Chapter 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More