전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VR4102 데이터시트(PDF) 124 Page - NEC

부품명 VR4102
상세설명  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

VR4102 데이터시트(HTML) 124 Page - NEC

Back Button VR4102 Datasheet HTML 120Page - NEC VR4102 Datasheet HTML 121Page - NEC VR4102 Datasheet HTML 122Page - NEC VR4102 Datasheet HTML 123Page - NEC VR4102 Datasheet HTML 124Page - NEC VR4102 Datasheet HTML 125Page - NEC VR4102 Datasheet HTML 126Page - NEC VR4102 Datasheet HTML 127Page - NEC VR4102 Datasheet HTML 128Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
124
5.2.6 Supervisor-mode Virtual Addressing
Supervisor mode is designed for layered operating systems in which a true kernel runs in Kernel mode, and the
rest of the operating system runs in Supervisor mode.
All of the suseg, sseg, xsuseg, xsseg, and csseg spaces are referenced via TLB. Whether cache can be used or
not is determined by bit C of each page’s TLB entry.
The processor operates in Supervisor mode when the Status register contains the following bit-values:
— KSU = 01
— EXL = 0
— ERL = 0
In conjunction with these bits, the SX bit in the Status register selects 32- or 64-bit Supervisor mode addressing:
— When SX = 0, 32-bit supervisor space is selected.
— When SX = 1, 64-bit supervisor space is selected.
Table 5-2 lists the characteristics of the Supervisor mode segments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More