전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIS16475-1/PCBZ 데이터시트(PDF) 23 Page - Analog Devices

부품명 ADIS16475-1/PCBZ
상세설명  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ 데이터시트(HTML) 23 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Data Sheet
ADIS16475
Rev. D | Page 23 of 37
32-bit, twos complement data format for the x-axis delta angle
measurements. This format also applies to the y- and z-axes.
X-AXIS DELTA ANGLE DATA
X_DELTANG_OUT
X_DELTANG_LOW
BIT 0 BIT 15
BIT 15
BIT 0
Figure 41. Delta Angle Output Data Structure
Delta Angle Measurement Range
Table 47 shows the measurement range and scale factor for
each ADIS16475 model.
Table 47. Delta Angle Measurement Range and Scale Factor
Model
Measurement Range, ±ΔΘMAX (°)
ADIS16475-1BMLZ
±360
ADIS16475-2BMLZ
±720
ADIS16475-3BMLZ
±2160
X-Axis Delta Angle (X_DELTANG_LOW and
X_DELTANG_OUT)
Table 48. X_DELTANG_LOW Register Definitions
Addresses
Default
Access
Flash Backup
0x24, 0x25
Not applicable
R
No
Table 49. X_DELTANG_LOW Bit Definitions
Bits
Description
[15:0]
X-axis delta angle data; low word
Table 50. X_DELTANG_OUT Register Definitions
Addresses
Default
Access
Flash Backup
0x26, 0x27
Not applicable
R
No
Table 51. X_DELTANG_OUT Bit Definitions
Bits
Description
[15:0]
X-axis delta angle data; twos complement, 0° = 0x0000,
1 LSB = ΔθMAX/215 (see Table 47 for ΔθMAX)
The X_DELTANG_LOW (see Table 48 and Table 49) and
X_DELTANG_OUT (see Table 50 and Table 51) registers
contain the delta angle data for the x-axis.
Y-Axis Delta Angle (Y_DELTANG_LOW and
Y_DELTANG_OUT)
Table 52. Y_DELTANG_LOW Register Definitions
Addresses
Default
Access
Flash Backup
0x28, 0x29
Not applicable
R
No
Table 53. Y_DELTANG_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis delta angle data; low word
Table 54. Y_DELTANG_OUT Register Definitions
Addresses
Default
Access
Flash Backup
0x2A, 0x2B
Not applicable
R
No
Table 55. Y_DELTANG_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis delta angle data; twos complement, 0° = 0x0000,
1 LSB = ΔθMAX/215 (see Table 47 for ΔθMAX)
The Y_DELTANG_LOW (see Table 52 and Table 53) and
Y_DELTANG_OUT (see Table 54 and Table 55) registers
contain the delta angle data for the y-axis.
Z-Axis Delta Angle (Z_DELTANG_LOW and
Z_DELTANG_OUT)
Table 56. Z_DELTANG_LOW Register Definitions
Addresses
Default
Access
Flash Backup
0x2C, 0x2D
Not applicable
R
No
Table 57. Z_DELTANG_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis delta angle data; low word
Table 58. Z_DELTANG_OUT Register Definitions
Addresses
Default
Access
Flash Backup
0x2E, 0x2F
Not applicable
R
No
Table 59. Z_DELTANG_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis delta angle data; twos complement, 0° = 0x0000,
1 LSB = ΔθMAX/215 (see Table 47 for ΔθMAX)
The Z_DELTANG_LOW (see Table 56 and Table 57) and
Z_DELTANG_OUT (see Table 58 and Table 59) registers
contain the delta angle data for the z-axis.
Delta Angle Resolution
Table 60 and Table 61 show various numerical examples that
demonstrate the format of the delta angle data in both 16-bit
and 32-bit formats.
Table 60. 16-Bit Delta Angle Data Format Examples
Delta Angle (°)
Decimal
Hex
Binary
ΔθMAX × (215−1)/215
+32,767
0x7FFF
0111 1111 1110 1111
+ΔθMAX/214
+2
0x0002
0000 0000 0000 0010
+ΔθMAX/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−ΔθMAX/215
−1
0xFFFF
1111 1111 1111 1111
−ΔθMAX/214
−2
0xFFFE
1111 1111 1111 1110
−ΔθMAX
−32,768
0x8000
1000 0000 0000 0000
Table 61. 32-Bit Delta Angle Data Format Examples
Delta Angle (°)
Decimal
Hex
+ΔθMAX × (231 − 1)/231
+2,147,483,647
0x7FFFFFFF
+ΔθMAX/230
+2
0x00000002
+ΔθMAX/231
+1
0x00000001
0
0
0x00000000
−ΔθMAX/231
−1
0xFFFFFFFF
−ΔθMAX/230
−2
0xFFFFFFFE
−ΔθMAX
−2,147,483,648
0x80000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com