전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIS16475-1/PCBZ 데이터시트(PDF) 32 Page - Analog Devices

부품명 ADIS16475-1/PCBZ
상세설명  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ 데이터시트(HTML) 32 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
ADIS16475
Data Sheet
Rev. D | Page 32 of 37
APPLICATIONS INFORMATION
ASSEMBLY AND HANDLING TIPS
Package Attributes
The ADIS16475 is a multichip module package that has a
44-ball BGA interface. This package has three basic attributes
that influence its handling and assembly to the PCB of the
system: the lid, the substrate, and the BGA pattern. The
material of the lid is a liquid crystal polymer (LCP), and
its nominal thickness is 0.5 mm. The substrate is a laminate
composition that has a nominal thickness of 1.57 mm. The
solder ball material is SAC305, and each ball has a nominal
diameter of 0.75 mm (±0.15 mm). The BGA pattern follows an
8 × 10 array, with 36 unpopulated positions, which simplifies
the escape pattern for the power, ground, and signal traces on
the system PCB.
Assembly Tips
When developing a process to attach the ADIS16475 to a PCB,
consider the following guidelines and insights:
•
The ADIS16475 is capable of supporting solder reflow
attachment processes, which are in accordance with
J-STD-020E.
•
Limit device exposure to one pass through the solder
reflow process (no rework).
•
The hole in the top of the lid (see Figure 50) provides
venting and pressure relief during the assembly process of
the ADIS16475. Keep this hole clear of obstruction while
attaching the ADIS16475 to a PCB.
OPENING IN
PACKAGE LID
Figure 50. Pressure Relief Hole
•
Use no clean flux to avoid exposing the device to cleaning
solvents, which can penetrate the inside of the ADIS16475
through the hole in the lid and be difficult to remove.
When the assembly process requires the use of liquids that
can reach the hole in the lid, use a temporary seal to
prevent entrapment of those liquids inside the cavity.
•
Manage moisture exposure prior to the solder reflow
processing, in accordance with J-STD-033, Moisture
Sensitivity Level 5.
•
Avoid exposing the ADIS16475 to mechanical shock
survivability that exceeds the maximum rating of 2000 g
(see Table 3). In standard PCB processing, high speed
handling equipment and panel separation processes often
present the most risk of introducing harmful levels of
mechanical shock survivability.
PCB Layout Suggestions
Figure 51 shows an example of the pad design and layout for
the ADIS16475 on a PCB. This example uses a solder mask
opening, with a diameter of 0.73 mm, around a metal pad that
has a diameter of 0.56 mm. When using a material for the system
PCB, which has similar thermal expansion properties as the
substrate material of the ADIS16475, the system PCB can also
use the solder mask to define the pads that support attachment
to the balls of the ADIS16475. The coefficient of thermal
expansion (CTE) in the substrate of the ADIS16475 is
approximately 14 ppm/°C.
ALL DIMENSIONS IN MILLIMETERS
1.27
1.27
0.73
(MASK OPENING)
0.56
(COPPER PAD)
Figure 51. Recommend PCB Pattern, Solder Mask Defined Pads
Underfill
Underfill can be a useful technique in managing certain threats
to the integrity of the solder joints of the ADIS16475, including
peeling stress and extended exposure to vibration. When selecting
underfill material and developing an application and curing
process, ensure that the material fills the gap between each surface
(the ADIS16475 substrate and system PCB) and adheres
to both surfaces. The ADIS16475 does not require the use of
underfill materials in applications that do not anticipate exposure
to these types of mechanical stresses and when the CTE of the
system PCB is close to the same value as the CTE of the
substrate of the ADIS16475 (~14 ppm/°C).
Process Validation and Control
These guidelines provide a starting point for developing a process
for attaching the ADIS16475 to a system PCB. Because each
system and situation may present unique requirements for this
attachment process, ensure that the process supports optimal
solder joint integrity, verify that the final system meets all
environmental test requirements, and establish observation and
control strategies for all key process attributes (for example, peak
temperatures, dwell times, and ramp rates).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com