전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIS16475-1/PCBZ 데이터시트(PDF) 20 Page - Analog Devices

부품명 ADIS16475-1/PCBZ
상세설명  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ 데이터시트(HTML) 20 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
ADIS16475
Data Sheet
Rev. D | Page 20 of 37
Table 13. 32-Bit Gyroscope Data Format Examples
Rotation Rate (°/sec)
Decimal
Hex
+ωMAX
+1,310,720,000
0x4E200000
+2/(KG × 216)
+2
0x00000002
+1/(KG × 216)
+1
0x00000001
0
0
0x0000000
−1/(KG × 216)
−1
0xFFFFFFFF
−2/(KG × 216)
−2
0xFFFFFFFE
−ωMAX
−1,310,720,000
0xB1E00000
X-Axis Gyroscope (X_GYRO_LOW and X_GYRO_OUT)
Table 14. X_GYRO_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x04, 0x05
Not applicable
R
No
Table 15. X_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope data; additional resolution bits
Table 16. X_GYRO_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x06, 0x07
Not applicable
R
No
Table 17. X_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope data; high word; twos complement,
0°/sec = 0x0000, 1 LSB = 1/KG (See Table 11 for KG)
The X_GYRO_LOW (see Table 14 and Table 15) and X_GYRO_
OUT (see Table 16 and Table 17) registers contain the gyroscope
data for the x-axis.
Y-Axis Gyroscope (Y_GYRO_LOW and Y_GYRO_OUT)
Table 18. Y_GYRO_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x08, 0x09
Not applicable
R
No
Table 19. Y_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope data; additional resolution bits
Table 20. Y_GYRO_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x0A, 0x0B
Not applicable
R
No
Table 21. Y_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope data; high word; twos complement,
0°/sec = 0x0000, 1 LSB = 1/KG (see Table 11 for KG)
The Y_GYRO_LOW (see Table 18 and Table 19) and Y_GYRO_
OUT (see Table 20 and Table 21) registers contain the gyroscope
data for the y-axis.
Z-Axis Gyroscope (Z_GYRO_LOW and Z_GYRO_OUT)
Table 22. Z_GYRO_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x0C, 0x0D
Not applicable
R
No
Table 23. Z_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope data; additional resolution bits
Table 24. Z_GYRO_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x0E, 0x0F
Not applicable
R
No
Table 25. Z_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope data; high word; twos complement,
0°/sec = 0x0000, 1 LSB = 1/KG (see Table 11 for KG)
The Z_GYRO_LOW (see Table 22 and Table 23) and Z_GYRO_
OUT (see Table 24 and Table 25) registers contain the gyroscope
data for the z-axis.
Acceleration Data
The accelerometers in the ADIS16475 measure both dynamic
and static (response to gravity) acceleration along the same three
orthogonal axes that define the axes of rotation for the gyroscopes
(x, y, and z). Figure 38 shows the orientation of each accelerometer
axis, along with the direction of acceleration that produces a
positive response in each of their measurements.
az
ax
ay
Z
X
Y
PIN A8
PIN K1
Figure 38. Accelerometer Axis and Polarity Assignments
Each accelerometer has two output data registers. Figure 39
shows how these two registers combine to support a 32-bit,
twos complement data format for the x-axis accelerometer
measurements. This format also applies to the y- and z-axes.
Additional information on the precision and resolution of the
accelerometers can be found in the Digital Resolution of
Gyroscopes and Accelerometers section of this data sheet.
X-AXIS ACCELEROMETER DATA
X_ACCL_OUT
X_ACCL_LOW
BIT 0 BIT 15
BIT 15
BIT 0
Figure 39. Accelerometer Output Data Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com