전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIS16475-1/PCBZ 데이터시트(PDF) 29 Page - Analog Devices

부품명 ADIS16475-1/PCBZ
상세설명  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ 데이터시트(HTML) 29 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Data Sheet
ADIS16475
Rev. D | Page 29 of 37
Data Update Rate in External Sync Modes
When using the input sync option, in scaled sync mode
(Register MSC_CTRL, Bits[4:2] = 010, see Table 105), the
output data rate is equal to
(fSYNC × KECSF)/(DEC_RATE + 1)
where:
fSYNC is the frequency of the clock signal on the SYNC pin.
KESCF is the value from the UP_SCALE register (see Table 107).
When using direct sync mode and pulse sync mode, KESCF = 1.
Continuous Bias Estimation (NULL_CNFG)
Table 110. NULL_CNFG Register Definition
Addresses
Default
Access
Flash Backup
0x66, 0x67
0x070A
R/W
Yes
Table 111. NULL_CNFG Bit Definitions
Bits
Description
[15:14]
Not used
13
Z-axis accelerometer bias correction enable (1 = enabled)
12
Y-axis accelerometer bias correction enable (1 = enabled)
11
X-axis accelerometer bias correction enable (1 = enabled)
10
Z-axis gyroscope bias correction enable (1 = enabled)
9
Y-axis gyroscope bias correction enable (1 = enabled)
8
X-axis gyroscope bias correction enable (1 = enabled)
[7:4]
Not used
[3:0]
Time base control (TBC), range: 0 to 12 (default = 10);
tB = 2TBC/2000, time base; tA = 64 × tB, average time
The NULL_CNFG register (see Table 110 and Table 111) provides
the configuration controls for the continuous bias estimator (CBE),
which associates with the bias correction update command in
Register GLOB_CMD, Bit 0 (see Table 113). Register NULL_
CNFG, Bits[3:0], establishes the total average time (tA) for the bias
estimates and Register NULL_CNFG, Bits[13:8], provide the
on/off controls for each sensor. The factory default configuration
for the NULL_CNFG register enables the bias null command for
the gyroscopes, disables the bias null command for the
accelerometers, and sets the average time to ~32 sec.
Global Commands (GLOB_CMD)
Table 112. GLOB_CMD Register Definition
Addresses
Default
Access
Flash Backup
0x68, 0x69
Not applicable
W
No
Table 113. GLOB_CMD Bit Definitions
Bits
Description
[15:8]
Not used
7
Software reset
[6:5]
Not used
4
Flash memory test
3
Flash memory update
2
Sensor self test
1
Factory calibration restore
0
Bias correction update
The GLOB_CMD register (see Table 112 and Table 113)
provides trigger bits for several operations. Write a 1 to the
appropriate bit in GLOB_CMD to start a particular function.
During the execution of these commands, data production
stops, pulsing stops on the DR pin, and the SPI interface does
not respond to requests. Table 1 provides the execution time
for each GLOB_CMD command.
Software Reset
Use the following DIN sequence to set Register GLOB_CMD,
Bit 7 = 1, which triggers a reset: 0xE880, then 0xE900. This reset
clears all data, and then restarts data sampling and processing.
This function provides a firmware alternative to toggling the
RST pin (see Table 5, Pin F3).
Flash Memory Test
Use the following DIN sequence to set Register GLOB_CMD,
Bit 4 = 1, which tests the flash memory: 0xE810, then 0xE900.
The command performs a CRC computation on the flash memory
(excluding user register locations) and compares it to the original
CRC value, which comes from the factory configuration process.
If the current CRC value does not match the original CRC
value, Register DIAG_STAT, Bit 6 (see Table 10), rises to 1,
indicating a failing result.
Flash Memory Update
Use the following DIN sequence to set Register GLOB_CMD,
Bit 3 = 1, which triggers a backup of all user configurable registers
in the flash memory: 0xE808, then 0xE900. Register DIAG_
STAT, Bit 2 (see Table 10), identifies success (0) or failure (1) in
completing this process.
Sensor Self Test
Use the following DIN sequence to set Register GLOB_CMD,
Bit 2 = 1, which triggers the self test routine for the inertial sensors:
0xE804 and 0xE900. The self test routine uses the following steps
to validate the integrity of each inertial sensor:
1. Measure the output on each sensor.
2. Activate an internal stimulus on the mechanical elements of
each sensor to move them in a predictable manner and
create an observable response in the sensors.
3. Measure the output response on each sensor.
4. Deactivate the internal stimulus on each sensor.
5. Calculate the difference between the sensor measurements
from Step 1 (stimulus is off) and from Step 3 (stimulus is on).
6. Compare the difference with internal pass and fail criteria.
7. Report the pass and fail result to Register DIAG_STAT, Bit 5
(see Table 10).
Motion during the execution of this test can indicate a false
failure.
Factory Calibration Restore
Use the following DIN sequence to set Register GLOB_CMD,
Bit 1 = 1, to restore the factory default settings for the MSC_
CTRL, DEC_RATE, and FILT_CTRL registers and to clear all
user configurable bias correction settings: 0xE802, then 0xE900.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com