전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIS16475-1/PCBZ 데이터시트(PDF) 36 Page - Analog Devices

부품명 ADIS16475-1/PCBZ
상세설명  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ 데이터시트(HTML) 36 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
ADIS16475
Data Sheet
Rev. D | Page 36 of 37
PC-Based Evaluation, EVAL-ADIS2
In addition to supporting quick prototype connections between
the ADIS16475 and an embedded processing system, J1 on the
breakout boards also connects directly to J1 on the EVAL-ADIS2
evaluation system. When used in conjunction with the IMU
Evaluation Software for the EVAL-ADISX Platforms, the
EVAL-ADIS2 provides a simple, functional test platform that
allows users to configure and collect data from the ADIS16475
models.
TRAY DRAWING
The ADIS16475 parts are shipped in the tray shown in Figure 54.
NOTES:
1. MATERIAL IS MPPO.
2. TOLERANCES ARE
x.x = ± 0.25
x.xx = ± 0.13
UNLESS OTHE RWISE SPECITIED.
3. ESD
– SURFACE RESISTIVITY
105 TO 1011
Ω/SQ.
322.60 REF
11.95 BSC
22.00 BSC
16.00
BSC
315.00
255.30
2.54
34.30
25.40
17.90
21.40
135.90
92.10
12.70
112.25
112.00
111.75
272.05
271.80
271.55
TOP VIEW
SIDE VIEW
14.50 BSC
DETAIL A
DETAIL A
A
A
B
B
7.90
11.10
SECTION A-A
15.43
15.35
15.27
SECTION B-B
11.43
11.35
11.27
DETAIL B
DETAIL C
DETAIL C
DETAIL B
30°
±1°
3.50
2.00
1.30
2.50
3.80
0.76
R 4.75
C 3.00 × 0.45°
Figure 54. Drawing of Shipping Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com