전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIS16475-1/PCBZ 데이터시트(PDF) 17 Page - Analog Devices

부품명 ADIS16475-1/PCBZ
상세설명  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ 데이터시트(HTML) 17 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Data Sheet
ADIS16475
Rev. D | Page 17 of 37
USER REGISTER MEMORY MAP
Table 8. User Register Memory Map (N/A Means Not Applicable)
Name
R/W
Flash Backup
Address
Default
Register Description
Reserved
N/A
N/A
0x00, 0x01
N/A
Reserved
DIAG_STAT
R
No
0x02, 0x03
0x0000
Output, system error flags
X_GYRO_LOW
R
No
0x04, 0x05
N/A
Output, x-axis gyroscope, low word
X_GYRO_OUT
R
No
0x06, 0x07
N/A
Output, x-axis gyroscope, high word
Y_GYRO_LOW
R
No
0x08, 0x09
N/A
Output, y-axis gyroscope, low word
Y_GYRO_OUT
R
No
0x0A, 0x0B
N/A
Output, y-axis gyroscope, high word
Z_GYRO_LOW
R
No
0x0C, 0x0D
N/A
Output, z-axis gyroscope, low word
Z_GYRO_OUT
R
No
0x0E, 0x0F
N/A
Output, z-axis gyroscope, high word
X_ACCL_LOW
R
No
0x10, 0x11
N/A
Output, x-axis accelerometer, low word
X_ACCL_OUT
R
No
0x12, 0x13
N/A
Output, x-axis accelerometer, high word
Y_ACCL_LOW
R
No
0x14, 0x15
N/A
Output, y-axis accelerometer, low word
Y_ACCL_OUT
R
No
0x16, 0x17
N/A
Output, y-axis accelerometer, high word
Z_ACCL_LOW
R
No
0x18, 0x19
N/A
Output, z-axis accelerometer, low word
Z_ACCL_OUT
R
No
0x1A, 0x1B
N/A
Output, z-axis accelerometer, high word
TEMP_OUT
R
No
0x1C, 0x1D
N/A
Output, temperature
TIME_STAMP
R
No
0x1E, 0x1F
N/A
Output, time stamp
Reserved
N/A
N/A
0x20, 0x21
N/A
Reserved
DATA_CNTR
R
No
0x22, 0x23
N/A
New data counter
X_DELTANG_LOW
R
No
0x24, 0x25
N/A
Output, x-axis delta angle, low word
X_DELTANG_OUT
R
No
0x26, 0x27
N/A
Output, x-axis delta angle, high word
Y_DELTANG_LOW
R
No
0x28, 0x29
N/A
Output, y-axis delta angle, low word
Y_DELTANG_OUT
R
No
0x2A, 0x2B
N/A
Output, y-axis delta angle, high word
Z_DELTANG_LOW
R
No
0x2C, 0x2D
N/A
Output, z-axis delta angle, low word
Z_DELTANG_OUT
R
No
0x2E, 0x2F
N/A
Output, z-axis delta angle, high word
X_DELTVEL_LOW
R
No
0x30, 0x31
N/A
Output, x-axis delta velocity, low word
X_DELTVEL_OUT
R
No
0x32, 0x33
N/A
Output, x-axis delta velocity, high word
Y_DELTVEL_LOW
R
No
0x34, 0x35
N/A
Output, y-axis delta velocity, low word
Y_DELTVEL_OUT
R
No
0x36, 0x37
N/A
Output, y-axis delta velocity, high word
Z_DELTVEL_LOW
R
No
0x38, 0x39
N/A
Output, z-axis delta velocity, low word
Z_DELTVEL_OUT
R
No
0x3A, 0x3B
N/A
Output, z-axis delta velocity, high word
Reserved
N/A
N/A
0x3C to 0x3F
N/A
Reserved
XG_BIAS_LOW
R/W
Yes
0x40, 0x41
0x0000
Calibration, offset, gyroscope, x-axis, low word
XG_BIAS_HIGH
R/W
Yes
0x42, 0x43
0x0000
Calibration, offset, gyroscope, x-axis, high word
YG_BIAS_LOW
R/W
Yes
0x44, 0x45
0x0000
Calibration, offset, gyroscope, y-axis, low word
YG_BIAS_HIGH
R/W
Yes
0x46, 0x47
0x0000
Calibration, offset, gyroscope, y-axis, high word
ZG_BIAS_LOW
R/W
Yes
0x48, 0x49
0x0000
Calibration, offset, gyroscope, z-axis, low word
ZG_BIAS_HIGH
R/W
Yes
0x4A, 0x4B
0x0000
Calibration, offset, gyroscope, z-axis, high word
XA_BIAS_LOW
R/W
Yes
0x4C, 0x4D
0x0000
Calibration, offset, accelerometer, x-axis, low word
XA_BIAS_HIGH
R/W
Yes
0x4E, 0x4F
0x0000
Calibration, offset, accelerometer, x-axis, high word
YA_BIAS_LOW
R/W
Yes
0x50, 0x51
0x0000
Calibration, offset, accelerometer, y-axis, low word
YA_BIAS_HIGH
R/W
Yes
0x52, 0x53
0x0000
Calibration, offset, accelerometer, y-axis, high word
ZA_BIAS_LOW
R/W
Yes
0x54, 0x55
0x0000
Calibration, offset, accelerometer, z-axis, low word
ZA_BIAS_HIGH
R/W
Yes
0x56, 0x57
0x0000
Calibration, offset, accelerometer, z-axis, high word
Reserved
N/A
N/A
0x58 to 0x5B
N/A
Reserved
FILT_CTRL
R/W
Yes
0x5C, 0x5D
0x0000
Control, Bartlett window FIR filter
RANG_MDL
R
No
0x5E, 0x5F
N/A1
Measurement range (model specific) identifier
MSC_CTRL
R/W
Yes
0x60, 0x61
0x00C1
Control, input/output and other miscellaneous options
UP_SCALE
R/W
Yes
0x62, 0x63
0x07D0
Control, scale factor for input clock, pulse per second (PPS)
mode
DEC_RATE
R/W
Yes
0x64, 0x65
0x0000
Control, decimation filter (output data rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com