전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIS16475-1/PCBZ 데이터시트(PDF) 35 Page - Analog Devices

부품명 ADIS16475-1/PCBZ
상세설명  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ 데이터시트(HTML) 35 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Data Sheet
ADIS16475
Rev. D | Page 35 of 37
ADIS1647X/PCB
BREAKOUT BOARD
08-045113rA
J1
*
5.125mm
5.125mm
3.625mm
6.03mm
33.25mm
16.99mm
16.26mm
30.07mm
Figure 52. Top Level View of the Breakout Board
VDD
VDD
VDD
C7
D6
H1
K6
J5
J4
VDD
VDD
ADIS16475AMLZ
DUT1
VDD
VDD
NC
GND
GND
GND
SCLK
SCLK
GND
RST
VDD
VDD
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
A1
A2
A3
A4
A5
A6
A7
A8
B8
B3
B4
B5
B6
J6
J3
H3
H6
E3
C3
G3
G6
F6
F3
D3
K8
K3
K1
J7
J2
H8
G7
G2
F8
F1
E7
E6
E2
C6
C2
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
DIN
DOUT
DOUT
DIN
CS
DR
DR
SYNC
SYNC
CS
RST
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
VDD
J1
SCLK
DOUT
CS
DIN
GND
DR
NC
GND
VDD
SYNC
RST
HIROSE
A3-16-PA-2SV(71)
Figure 53. Breakout Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com