전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIS16475-1/PCBZ 데이터시트(PDF) 19 Page - Analog Devices

부품명 ADIS16475-1/PCBZ
상세설명  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ 데이터시트(HTML) 19 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Data Sheet
ADIS16475
Rev. D | Page 19 of 37
USER REGISTER DEFINTIONS
Status/Error Flag Indicators (DIAG_STAT)
Table 9. DIAG_STAT Register Definition
Addresses
Default
Access
Flash Backup
0x02, 0x03
0x0000
R
No
Table 10. DIAG_STAT Bit Assignments
Bits
Description
[15:8]
Reserved.
7
Clock error. A 1 indicates that the internal data sampling
clock (fSM, see Figure 19 and Figure 20) does not
synchronize with the external clock, which only applies
when using scaled sync mode (Register MSC_CTRL,
Bits[4:2] = 010, see Table 105). When this error occurs,
adjust the frequency of the clock signal on the SYNC pin
to operate within the appropriate range.
6
Memory failure. A 1 indicates a failure in the flash memory
test (Register GLOB_CMD, Bit 4, see Table 113), which
involves a comparison between a cyclic redundancy
check (CRC) calculation of the present flash memory and
a CRC calculation from the same memory locations at
the time of initial programming (during the production
process). If this error occurs, repeat the same test. If this
error persists, replace the ADIS16475 device.
5
Sensor failure. A 1 indicates failure of at least one sensor,
at the conclusion of the self test (Register GLOB_CMD,
Bit 2, see Table 113). If this error occurs, repeat the same
test. If this error persists, replace the ADIS16475. Motion
during the execution of this test can cause a false failure.
4
Standby mode. A 1 indicates that the voltage across
VDD and GND is <2.8 V, which causes data processing to
stop. When VDD ≥ 2.8 V for 250 ms, the ADIS16475
reinitializes itself and starts producing data again.
3
SPI communication error. A 1 indicates that the total
number of SCLK cycles is not equal to an integer
multiple of 16. When this error occurs, repeat the
previous communication sequence. Persistence in this
error may indicate a weakness in the SPI service that the
ADIS16475 is receiving from the system it is supporting.
2
Flash memory update failure. A 1 indicates that the most
recent flash memory update (Register GLOB_CMD, Bit 3,
see Table 113) failed. If this error occurs, ensure that VDD ≥
3 V and repeat the update attempt. If this error persists,
replace the ADIS16475.
1
Data path overrun. A 1 indicates that one of the data
paths experienced an overrun condition. If this error
occurs, initiate a reset using the RST pin (see Table 5,
Pin F3) or Register GLOB_CMD, Bit 7 (see Table 113). See
the Serial Port Operation section for more details on
conditions that may cause this bit to be set to 1.
0
Reserved.
The DIAG_STAT register (see Table 9 and Table 10) provides
error flags for monitoring the integrity and operation of the
ADIS16475. Reading this register causes all of its bits to return
to 0. The error flags in DIAG_STAT are sticky, meaning that,
when they raise to a 1, they remain there until a read request
clears them. If an error condition persists, the flag (bit)
automatically returns to an alarm value of 1.
GYROSCOPE DATA
The gyroscopes in the ADIS16475 measure the angular rate of
rotation around three orthogonal axes (x, y, and z). Figure 36
shows the orientation of each gyroscope axis, along with the
direction of rotation that produces a positive response in each
of their measurements.
ωZ
ωY
Y
ωX
Z
X
PIN A8
PIN K1
Figure 36. Gyroscope Axis and Polarity Assignments
Each gyroscope has two output data registers. Figure 37 shows
how these two registers combine to support a 32-bit, twos
complement data format for the x-axis gyroscope measurements.
This format also applies to the y- and z-axes.
Additional information on the precision and resolution of the
accelerometers can be found in the Digital Resolution of
Gyroscopes and Accelerometers section of this data sheet.
X-AXIS GYROSCOPE DATA
X_GYRO_OUT
X_GYRO_LOW
BIT 0 BIT 15
BIT 15
BIT 0
Figure 37. Gyroscope Output Data Structure
Gyroscope Measurement Range/Scale Factor
Table 11 provides the measurement range (±ωMAX) and scale
factor (KG) for the gyroscope in each ADIS16475 model.
Table 11. Gyroscope Measurement Range and Scale Factors
Model
Range, ±ωMAX
(°/sec)
Scale Factor, KG
(LSB/°/sec)
ADIS16475-1
±125
160
ADIS16475-2
±500
40
ADIS16475-3
±2000
10
Gyroscope Data Formatting
Table 12 and Table 13 offer various numerical examples that
demonstrate the format of the rotation rate data in both 16-bit
and 32-bit formats.
Table 12. 16-Bit Gyroscope Data Format Examples
Rotation Rate
Decimal
Hex
Binary
+ωMAX
+20,000
0x4E20
0100 1110 0010 0000
+2/KG
+2
0x0002
0000 0000 0000 0010
+1/KG
+1
0x0001
0000 0000 0000 0001
0°/sec
0
0x0000
0000 0000 0000 0000
−1/KG
−1
0xFFFF
1111 1111 1111 1111
−2/KG
−2
0xFFFE
1111 1111 1111 1110
−ωMAX
−20,000
0xB1E0
1011 0001 1110 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com