전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIS16475-1/PCBZ 데이터시트(PDF) 30 Page - Analog Devices

부품명 ADIS16475-1/PCBZ
상세설명  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ 데이터시트(HTML) 30 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
ADIS16475
Data Sheet
Rev. D | Page 30 of 37
Executing this command results in writing 0x0000 to the
following registers: XG_BIAS_LOW, XG_BIAS_HIGH,
YG_BIAS_LOW, YG_BIAS_HIGH, ZG_BIAS_LOW,
ZG_BIAS_ HIGH, XA_BIAS_LOW, XA_BIAS_HIGH,
YA_BIAS_LOW, YA_BIAS_HIGH, ZA_BIAS_LOW, and
ZA_BIAS_HIGH.
Bias Correction Update
Use the following DIN pin sequence to set Register GLOB_CMD,
Bit 0 = 1, to trigger a bias correction, using the correction
factors from the CBE (see Table 111): 0xE801, then 0xE900.
Firmware Revision (FIRM_REV)
Table 114. FIRM_REV Register Definition
Addresses
Default
Access
Flash Backup
0x6C, 0x6D
Not applicable
R
No
Table 115. FIRM_REV Bit Definitions
Bits
Description
[15:0]
Firmware revision, binary coded decimal (BCD) format
The FIRM_REV register (see Table 114 and Table 115)
provides the firmware revision for the internal firmware. This
register uses a BCD format, where each nibble represents a
digit. For example, if FIRM_REV = 0x0104, the firmware revision
is 1.04.
Firmware Revision Day and Month (FIRM_DM)
Table 116. FIRM_DM Register Definition
Addresses
Default
Access
Flash Backup
0x6E, 0x6F
Not applicable
R
No
Table 117. FIRM_DM Bit Definitions
Bits
Description
[15:8]
Factory configuration month, BCD format
[7:0]
Factory configuration day, BCD format
The FIRM_DM register (see Table 116 and Table 117)
contains the month and day of the factory configuration date.
Register FIRM_DM, Bits[15:8], contain digits that represent the
month of the factory configuration. For example, November is
the 11th month in a year and is represented by Register
FIRM_DM, Bits[15:8] = 0x11. Register FIRM_DM, Bits[7:0],
contain the day of factory configuration. For example, the 27th
day of the month is represented by Register FIRM_DM,
Bits[7:0] = 0x27.
Firmware Revision Year (FIRM_Y)
Table 118. FIRM_Y Register Definition
Addresses
Default
Access
Flash Backup
0x70, 0x71
Not applicable
R
No
Table 119. FIRM_Y Bit Definitions
Bits
Description
[15:0]
Factory configuration year, BCD format
The FIRM_Y register (see Table 118 and Table 119) contains
the year of the factory configuration date. For example, the
year, 2017, is represented by FIRM_Y = 0x2017.
Product Identification (PROD_ID)
Table 120. PROD_ID Register Definition
Addresses
Default
Access
Flash Backup
0x72, 0x73
0x405B
R
No
Table 121. PROD_ID Bit Definitions
Bits
Description
[15:0]
Product identification = 0x405B
The PROD_ID register (see Table 120 and Table 121) contains
the numerical portion of the device number (16,475). See Figure 32
for an example of how to use a looping read of this register to
validate the integrity of the communication.
Serial Number (SERIAL_NUM)
Table 122. SERIAL_NUM Register Definition
Addresses
Default
Access
Flash Backup
0x74, 0x75
Not applicable
R
No
Table 123. SERIAL_NUM Bit Definitions
Bits
Description
[15:0]
Lot specific serial number
Scratch Registers (USER_SCR_1 to USER_SCR_3)
Table 124. USER_SCR_1 Register Definition
Addresses
Default
Access
Flash Backup
0x76, 0x77
Not applicable
R/W
Yes
Table 125. USER_SCR_1 Bit Definitions
Bits
Description
[15:0]
User defined
Table 126. USER_SCR_2 Register Definition
Addresses
Default
Access
Flash Backup
0x78, 0x79
Not applicable
R/W
Yes
Table 127. USER_SCR_2 Bit Definitions
Bits
Description
[15:0]
User defined
Table 128. USER_SCR_3 Register Definition
Addresses
Default
Access
Flash Backup
0x7A, 0x7B
Not applicable
R/W
Yes
Table 129. USER_SCR_3 Bit Definitions
Bits
Description
[15:0]
User defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com