전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIS16475-1/PCBZ 데이터시트(PDF) 24 Page - Analog Devices

부품명 ADIS16475-1/PCBZ
상세설명  Precision, Miniature MEMs IMU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIS16475-1/PCBZ 데이터시트(HTML) 24 Page - Analog Devices

Back Button ADIS16475-1/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16475-1/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
ADIS16475
Data Sheet
Rev. D | Page 24 of 37
DELTA VELOCITY
In addition to the linear acceleration measurements along each
axis (x, y, and z), the ADIS16475 also provides delta velocity
measurements that represent a calculation of linear velocity
change between each sample update.
Z
X
Y
PIN A8
PIN K1
ΔVZ
ΔVX
ΔVY
Figure 42. Delta Velocity Axis and Polarity Assignments
The delta velocity outputs represent an integration of the
acceleration measurements and use the following formula for
all three axes (x-axis displayed):
(
)
∑
−
=
−
+
+ +
×
×
=
∆
1
0
1
,
,
,
2
1
D
d
d
D
n
x
d
D
n
x
S
D
n
x
a
a
f
V
where:
x is the x-axis.
n is the sample time, prior to the decimation filter.
D is the decimation rate (DEC_RATE + 1, see Table 109).
fS is the sample rate.
d is the incremental variable in the summation formula.
aX is the x-axis acceleration.
When using the internal sample clock, fS is equal to a nominal
rate of 2000 SPS. For better precision in this measurement,
measure the internal sample rate (fS) using the data ready signal
on the DR pin (DEC_RATE = 0x0000, see Table 108), divide
each delta angle result (from the delta angle output registers) by
the data ready frequency, and multiply it by 2000. Each axis of
the delta velocity measurements has two output data registers.
Figure 43 shows how these two registers combine to support
32-bit, twos complement data format for the delta velocity
measurements along the x-axis. This format also applies to the
y- and z-axes.
X-AXIS DELTA VELOCITY DATA
X_ DELTVEL_OUT
X_ DELTVEL_LOW
BIT 0 BIT 15
BIT 15
BIT 0
Figure 43. Delta Angle Output Data Structure
X-Axis Delta Velocity (X_DELTVEL_LOW and
X_DELTVEL_OUT)
Table 62. X_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x30, 0x31
Not applicable
R
No
Table 63. X_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
X-axis delta velocity data; additional resolution bits
Table 64. X_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x32, 0x33
Not applicable
R
No
Table 65. X_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
X-axis delta velocity data; twos complement,
±100 m/sec range, 0 m/sec = 0x0000;
1 LSB = 100 m/sec ÷ 215 = ~0.003052 m/sec
The X_DELTVEL_LOW (see Table 62 and Table 63) and
X_DELTVEL_OUT (see Table 64 and Table 65) registers
contain the delta velocity data for the x-axis.
Y-Axis Delta Velocity (Y_DELTVEL_LOW and
Y_DELTVEL_OUT)
Table 66. Y_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x34, 0x35
Not applicable
R
No
Table 67. Y_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis delta velocity data; additional resolution bits
Table 68. Y_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x36, 0x37
Not applicable
R
No
Table 69. Y_DELTVEL_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis delta velocity data; twos complement,
±100 m/sec range, 0 m/sec = 0x0000;
1 LSB = 100 m/sec ÷ 215 = ~0.003052 m/sec
The Y_DELTVEL_LOW (see Table 66 and Table 67) and
Y_DELTVEL_OUT (see Table 68 and Table 69) registers
contain the delta velocity data for the y-axis.
Z-Axis Delta Velocity (Z_DELTVEL_LOW and
Z_DELTVEL_OUT)
Table 70. Z_DELTVEL_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x38, 0x39
Not applicable
R
No
Table 71. Z_DELTVEL_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis delta velocity data; additional resolution bits
Table 72. Z_DELTVEL_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x3A, 0x3B
Not applicable
R
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com