| 전자부품 데이터시트 검색엔진 |
|
P5021 데이터시트(PDF) 38 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 데이터시트(HTML) 38 Page - NXP Semiconductors |
|
38 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 38 SGND SerDes Core Logic GND C29 — — — SGND SerDes Core Logic GND C33 — — — SGND SerDes Core Logic GND D31 — — — SGND SerDes Core Logic GND D35 — — — SGND SerDes Core Logic GND E35 — — — SGND SerDes Core Logic GND G34 — — — SGND SerDes Core Logic GND G36 — — — SGND SerDes Core Logic GND J35 — — — SGND SerDes Core Logic GND K33 — — — SGND SerDes Core Logic GND L36 — — — SGND SerDes Core Logic GND M34 — — — SGND SerDes Core Logic GND N35 — — — SGND SerDes Core Logic GND R33 — — — SGND SerDes Core Logic GND R36 — — — SGND SerDes Core Logic GND T35 — — — SGND SerDes Core Logic GND U34 — — — SGND SerDes Core Logic GND V36 — — — SGND SerDes Core Logic GND W33 — — — SGND SerDes Core Logic GND Y35 — — — SGND SerDes Core Logic GND AH35 — — — SGND SerDes Core Logic GND AH33 — — — SGND SerDes Core Logic GND AF29 — — — AGND_SRDS1 SerDes PLL1 GND B33 — — — AGND_SRDS2 SerDes PLL2 GND T36 — — — AGND_SRDS3 SerDes PLL3 GND AE36 — — — AGND_SRDS4 SerDes PLL4 GND T28 — — — SENSEGND_PL1 Platform GND Sense 1 AF12 — — 8 SENSEGND_PL2 Platform GND Sense 2 K27 — — 8 SENSEGND_CA Core Group A GND Sense K17 — — 8 USB1_AGND USB1 PHY Transceiver GND AH24 — — — USB1_AGND USB1 PHY Transceiver GND AJ24 — — — USB1_AGND USB1 PHY Transceiver GND AL25 — — — USB1_AGND USB1 PHY Transceiver GND AM25 — — — USB1_AGND USB1 PHY Transceiver GND AR25 — — — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |