| 전자부품 데이터시트 검색엔진 |
|
MPC8308CVMADDA 데이터시트(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8308CVMADDA 데이터시트(HTML) 46 Page - NXP Semiconductors |
|
46 / 95 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4 46 Freescale Semiconductor Enhanced Secure Digital Host Controller (eSDHC) This figure provides the eSDHC clock input timing diagram. Figure 34. eSDHC Clock Input Timing Diagram 13.2.1 Full Speed Output Path (Write) This figure provides the data and command output timing diagram. Figure 35. Full Speed Output Path eSDHC tSFSCKR External Clock VM VM VM tSFSCK tSFSCKF VM = Midpoint Voltage (NVDD/2) operational mode tSFSCKL tSFSCKH Input at the MPC8308 Pins SD CLK at the MPC8308 Pin Output Valid Time: tSFSKHOV Output Hold Time: tSFSKHOX tIH (5 ns) tCLK_DELAY SD CLK at Driving Edge Sampling Edge the Card Pin tISU (5 ns) tDATA_DELAY tSFSCKL tSFSCK (Clock Cycle) Output from the MPC8308 Pins |