전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8308CVMADDA 데이터시트(PDF) 65 Page - NXP Semiconductors

부품명 MPC8308CVMADDA
상세설명  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA 데이터시트(HTML) 65 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 61Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 62Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 63Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 64Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 65Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 66Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 67Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 68Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
Freescale Semiconductor
65
Package and Pin Listings
LCS[3]
Y11
O
NVDDP_K
4
LWE[0] /LFWE0/LBS0
AB11
O
NVDDP_K
—
LWE[1]/LBS1AC11
O
NVDDP_K
—
LBCTL
U11
O
NVDDP_K
—
LGPL0/LFCLE
Y10
O
NVDDP_K
—
LGPL1/LFALE
AA10
O
NVDDP_K
—
LGPL2/LOE/LFRE
AB10
O
NVDDP_K
4
LGPL3/LFWP
AC10
O
NVDDP_K
—
LGPL4/LGTA/LUPWAIT/
LFRB
AB9
I/O
NVDDP_K
4
LGPL5
Y9
O
NVDDP_K
—
LCLK0
AC12
O
NVDDP_K
—
DUART
UART_SOUT1/MSRCID0/
LSRCID0
C17
O
NVDDB
—
UART_SIN1/MSRCID1/
LSRCID1
B18
I/O
NVDDB
—
UART_SOUT2/MSRCID2/
LSRCID2
D17
O
NVDDB
—
UART_SIN2/MSRCID3/
LSRCID3
D18
I/O
NVDDB
—
PEX PHY
TXA
C14
O
XPADVDD
—
TXA
C15
O
XPADVDD
—
RXA
A13
I
XCOREVDD
—
RXA
B13
I
XCOREVDD
—
SD_IMP_CAL_RX
A15
I
XCOREVDD
—
SD_REF_CLK
C12
I
XCOREVDD
—
SD_REF_CLK
D12
I
XCOREVDD
—
SD_PLL_TPD
F13
O
——
SD_IMP_CAL_TX
A11
I
XPADVDD
—
SD_PLL_TPA_ANA
F11
O
——
SDAVDD_0
G12
I
——
SDAVSS_0
F12
I
——
I2C interface
IIC_SDA1
C9
I/O
NVDDA
2
Table 53. MPC8308 Pinout Listing (continued)
Signal
Package Pin Number
Pin
Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95