| 전자부품 데이터시트 검색엔진 |
|
MPC8308CVMADDA 데이터시트(PDF) 81 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8308CVMADDA 데이터시트(HTML) 81 Page - NXP Semiconductors |
|
81 / 95 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4 Freescale Semiconductor 81 Ordering Information 24.2 Part marking Parts are marked as in the example shown in this figure. Figure 56. Freescale Part Marking for PBGA Devices This table lists the SVR settings. Table 62. SVR settings Device Revision Package SVR MPC8308 1.1 MAPBGA 0x8101 _0111 MPC8308 1.0 MAPBGA 0x8101 _0110 Note: PVR = 8085_0020 for the device. MPCnnnnCVMADDA core/platform MHZ ATWLYYWW CCCCC PBGA *MMMMM YWWLAZ Notes: ATWLYYWW is the traceability code. CCCCC is the country code. MMMMM is the mask number. YWWLAZ is the assembly traceability code. |