| 전자부품 데이터시트 검색엔진 |
|
MPC8308CVMADDA 데이터시트(PDF) 61 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8308CVMADDA 데이터시트(HTML) 61 Page - NXP Semiconductors |
|
61 / 95 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4 Freescale Semiconductor 61 Package and Pin Listings 2. Dimensions and tolerances per ASME Y14.5M-1994. 3. Maximum solder ball diameter measured parallel to datum A. 4. Datum A, the seating plane, is determined by the spherical crowns of the solder balls. 20.3 Pinout Listings This table provides the pin-out listing for the MPC8308, MAPBGA package. Table 53. MPC8308 Pinout Listing Signal Package Pin Number Pin Type Power Supply Note DDR Memory Controller Interface MEMC_MDQ[0] V6 I/O GVDDA — MEMC_MDQ[1] Y4 I/O GVDDA — MEMC_MDQ[2] AB3 I/O GVDDA — MEMC_MDQ[3] AA3 I/O GVDDA — MEMC_MDQ[4] AA2 I/O GVDDA — MEMC_MDQ[5] AA1 I/O GVDDA — MEMC_MDQ[6] W4 I/O GVDDA — MEMC_MDQ[7] Y2 I/O GVDDA — MEMC_MDQ[8] W3 I/O GVDDA — MEMC_MDQ[9] W1 I/O GVDDA — MEMC_MDQ[10] Y1 I/O GVDDA — MEMC_MDQ[11] W2 I/O GVDDA — MEMC_MDQ[12] U4 I/O GVDDA — MEMC_MDQ[13] U3 I/O GVDDA — MEMC_MDQ[14] V4 I/O GVDDA — MEMC_MDQ[15] U6 I/O GVDDA — MEMC_MDQ[16] T3 I/O GVDDB — MEMC_MDQ[17] T2 I/O GVDDB — MEMC_MDQ[18] R4 I/O GVDDB — MEMC_MDQ[19] R3 I/O GVDDB — MEMC_MDQ[20] P4 I/O GVDDB — MEMC_MDQ[21] N6 I/O GVDDB — MEMC_MDQ[22] P2 I/O GVDDB — MEMC_MDQ[23] P1 I/O GVDDB — MEMC_MDQ[24] N4 I/O GVDDB — MEMC_MDQ[25] N3 I/O GVDDB — MEMC_MDQ[26] N2 I/O GVDDB — |