전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMX8MPCEC 데이터시트(PDF) 92 Page - NXP Semiconductors

부품명 IMX8MPCEC
상세설명  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC 데이터시트(HTML) 92 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 88Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 89Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 90Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 91Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 92Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 93Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 94Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 95Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
92
NXP Semiconductors
Package information and contact assignments
DRAM_AC20
AA4
NVCC_DRAM
DDR
—
—
Output low
DRAM_AC21
AA5
NVCC_DRAM
DDR
—
—
Output low
DRAM_AC22
AA6
NVCC_DRAM
DDR
—
—
Input
DRAM_AC23
U4
NVCC_DRAM
DDR
—
—
Input
DRAM_AC24
V2
NVCC_DRAM
DDR
—
—
Input
DRAM_AC25
V1
NVCC_DRAM
DDR
—
—
Input
DRAM_AC26
P1
NVCC_DRAM
DDR
—
—
Input
DRAM_AC27
R4
NVCC_DRAM
DDR
—
—
Input
DRAM_AC28
W4
NVCC_DRAM
DDR
—
—
Input
DRAM_AC29
W5
NVCC_DRAM
DDR
—
—
Input
DRAM_AC30
AE4
NVCC_DRAM
DDR
—
—
Input
DRAM_AC31
AF4
NVCC_DRAM
DDR
—
—
Input
DRAM_AC32
U5
NVCC_DRAM
DDR
—
—
Input
DRAM_AC33
U6
NVCC_DRAM
DDR
—
—
Input
DRAM_AC34
U1
NVCC_DRAM
DDR
—
—
Input
DRAM_AC35
U2
NVCC_DRAM
DDR
—
—
Input
DRAM_AC36
W6
NVCC_DRAM
DDR
—
—
Input
DRAM_AC37
AC4
NVCC_DRAM
DDR
—
—
Input
DRAM_AC38
AC5
NVCC_DRAM
DDR
—
—
Input
DRAM_ALERT_N
T2
NVCC_DRAM
DDR
—
—
Input
DRAM_DM0
B2
NVCC_DRAM
DDR
—
—
Input
DRAM_DM1
H2
NVCC_DRAM
DDR
—
—
Input
DRAM_DM2
AB2
NVCC_DRAM
DDR
—
—
Input
DRAM_DM3
AH2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ00
B3
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ01
A2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ02
E1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ03
F2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ04
E2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ05
C1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ06
C2
NVCC_DRAM
DDR
—
—
Input
Table 77. 15 x 15 mm functional contact assignments (continued)
Ball Name
Ball
Power group
Ball type
Reset condition
Default
Default function
Input/
Output status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More