전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMX8MPCEC 데이터시트(PDF) 93 Page - NXP Semiconductors

부품명 IMX8MPCEC
상세설명  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC 데이터시트(HTML) 93 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 89Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 90Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 91Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 92Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 93Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 94Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 95Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 96Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 111 page
background image
Package information and contact assignments
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
93
DRAM_DQ07
B1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ08
G1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ09
H1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ10
K1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ11
K2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ12
L2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ13
L1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ14
G2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ15
F1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ16
AC1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ17
AB1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ18
W2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ19
Y2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ20
Y1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ21
W1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ22
AC2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ23
AD1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ24
AH3
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ25
AJ2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ26
AE1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ27
AD2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ28
AE2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ29
AG1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ30
AG2
NVCC_DRAM
DDR
—
—
Input
DRAM_DQ31
AH1
NVCC_DRAM
DDR
—
—
Input
DRAM_DQS0_N
D1
NVCC_DRAM
DDRCLK
—
—
Input
DRAM_DQS0_P
D2
NVCC_DRAM
—
—
—
Input
DRAM_DQS1_N
J1
NVCC_DRAM
DDRCLK
—
—
Input
DRAM_DQS1_P
J2
NVCC_DRAM
—
—
—
Input
DRAM_DQS2_N
AA1
NVCC_DRAM
DDRCLK
—
—
Input
DRAM_DQS2_P
AA2
NVCC_DRAM
—
—
—
Input
Table 77. 15 x 15 mm functional contact assignments (continued)
Ball Name
Ball
Power group
Ball type
Reset condition
Default
Default function
Input/
Output status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More