전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP86CS49FG 데이터시트(PDF) 205 Page - Toshiba Semiconductor

부품명 TMP86CS49FG
상세설명  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49FG 데이터시트(HTML) 205 Page - Toshiba Semiconductor

Back Button TMP86CS49FG Datasheet HTML 201Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 202Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 203Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 204Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 205Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 206Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 207Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 208Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 209Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 252 page
background image
Page 191
TMP86CS49FG
Figure 15-13 Example of Internal Clock and MSB Transmit/Receive Mode
A6 A5 A4 A3 A2 A1
A0
A7
B7 B6 B5 B4 B3 B2 B1
C7
B0
C6 C5 C4 C3 C2 C1 C0
C
A
B
Automatic wait
Automatic wait
Start shift
operation
Start shift
operation
Start shift
operation
Writing transmit
data A
Writing transmit
data B
D6 D5 D4 D3 D2 D1
D0
D7
E7 E6 E5 E4 E3 E2 E1
F7
E0
F6 F5 F4 F3 F2 F1 F0
Clearing SIOS
Writing transmit
data C
E
D
F
Reading received
data D
Reading received
data E
Reading received
data F
SIO2CR<SIOS>
SIO2SR<SIOF>
SIO2SR<SEF>
SCK2
pin output
SO2 pin
SI2 pin
INTSIO2
interrupt
request
SIO2SR<TXF>
SIO2SR<RXF>
SIO2RDB
SIO2TDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More