전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-7002 데이터시트(PDF) 7 Page - BOSER Technology Co., Ltd

부품명 HS-7002
상세설명  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSER [BOSER Technology Co., Ltd]
홈페이지  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 데이터시트(HTML) 7 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 3Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 4Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 5Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 6Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 7Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 8Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 9Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 10Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 11Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
1
Chapter 1
General Description
The HS-7002 is an Intel
® 82865GV/82801EB chipset-based board
designed for PICMG Bus PGA 478 Intel
® Pentium® 4 CPU with speed
of up to 3.2GHz CPU. The combination of these features makes the
HS-7002 an ideal all-in-one industrial single board computer.
Additional features include an enhanced I/O with CRT/LVDS Panel,
TV-Out, dual Giga LAN, audio, serial ATA, 4 COM port interface, and
more.
Its
onboard
ATA/33/66/100
connected
to
IDE drive
interface
architecture allows the HS-7002 to support data transfers of 33, 66 or
100MB/sec. for each IDE drive connection. Designed with the Intel
®
82865GV/82801EB core logic chipset, the board supports all PGA 478
Pentium® 4 CPU series with Intel
®
Hyper-Threading Technology
clocking up to 3.2GHz. The display controller is Intel 82865GV with
1MB/8MB/16MB memory supporting CRT display up to 1600 x 1200 x
32-bit at 60Hz.
Serial ATA is the revolutionary ATA interface that provides scalable
performance for IDE device. With up to 150MB/sec. data transfer rate,
serial ATA is faster than the current parallel ATA and delivers superior
input/output performance. In addition, the serial ATA interface is
furnished with RAID 0/1 function for extra performance enhancement
and data protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com