전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-7002 데이터시트(PDF) 36 Page - BOSER Technology Co., Ltd

부품명 HS-7002
상세설명  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSER [BOSER Technology Co., Ltd]
홈페이지  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 데이터시트(HTML) 36 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 32Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 33Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 34Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 37Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 38Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 40Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
30
4.4
Standard CMOS Features
The Standard Setup is used for the basic hardware system
configuration. The main function is for Data/Time and Floppy/Hard Disk
Drive settings. Please refer to the following screen for the setup. When
the IDE hard disk drive you are using is larger than 528MB, you must
set the HDD mode to LBA mode. Please use the IDE Setup Utility in
BIOS SETUP to install the HDD correctly.
Phoenix – AwardBIOS CMOS Setup Utility
Standard CMOS Features
Date (mm:dd:yy)
Mon, Mar 8 2004
Item Help
Time (hh:mm:ss)
13 : 48 : 22
Menu Level
IDE Primary Master
[None]
IDE Primary Slave
[None]
Change the day, month,
IDE Secondary Master
[None]
year and century
IDE Secondary Slave
[None]
Drive A
[1.44M, 3.5in.]
Drive B
[None]
Video
[EGA/VGA]
Halt On
[All, Errors]
Base Memory
640K
Extended Memory
252928K
Total Memory
253952K
: Select Item + / - /PU/PD: Value
F10: Save
ESC: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults F7: Optimized Defaults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com