전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-7002 데이터시트(PDF) 30 Page - BOSER Technology Co., Ltd

부품명 HS-7002
상세설명  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSER [BOSER Technology Co., Ltd]
홈페이지  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 데이터시트(HTML) 30 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 26Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 27Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 28Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 29Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 30Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 31Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 32Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 33Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 34Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
24
* User can also use AL, 00H’s defined time for reset purposes, e.g.00H
for Disable, 01H = 1sec, 02H = 2sec…..FFH = 255sec.
3.21 Audio Connectors
The HS-7002 has an onboard AC97 3D audio interface. The following
table list the pin assignments of the MIC In/Audio Out connector.
CN15: MIC In/Audio Out Connector
PIN Description
PIN
Description
1
AOUT_L
2
AOUT_R
3
GND
4
GND
5
MIC IN
6
N/C
7
GND
8
GND
1
2
7
8
CN24: Line In Connector
PIN Description
PIN
Description
1
Line R
3
GND
2
GND
4
Line L
1
4
3.22 TV-Out Function
The HS-7002 can support TV-Out function whose input could be up to
800 x 600 graphics resolutions. World Wide Video standards are
supported including NTSC-M (North America, Taiwan), NTSC-J
(Japan), PAL-B, D, G, H, I (Europe, Asia), PAL-M (Brazil), PAL-N
(Uruguay, Paraguay) and PAL-NC (Argentina).
J5: TV-Out Connector
PIN Description PIN Description
1
GND
2
TVCVB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com