전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-7002 데이터시트(PDF) 34 Page - BOSER Technology Co., Ltd

부품명 HS-7002
상세설명  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSER [BOSER Technology Co., Ltd]
홈페이지  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 데이터시트(HTML) 34 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 30Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 31Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 32Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 33Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 34Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 37Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 38Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
28
4.2
Using Setup
In general, you use the arrow keys to highlight items, press <Enter> to
select, use the <PageUp> and <PageDown> keys to change entries,
press <F1> for help and press <Esc> to quit. The following table
provides more details about how to navigate in the Setup program
using the keyboard.
Up arrow
Move to previous item
Down arrow
Move to next item
Left arrow
Move to the item in the left hand
Right arrow
Move to the item in the right hand
Esc key
Main Menu -- Quit and not save changes into CMOS
Status Page Setup Menu and Option Page Setup Menu --
Exit current page and return to Main Menu
PgUp key
Increase the numeric value or make changes
PgDn key
Decrease the numeric value or make changes
+ key
Increase the numeric value or make changes
- key
Decrease the numeric value or make changes
F1 key
General help, only for Status Page Setup Menu and Option
Page Setup Menu
(Shift)F2 key
Change color from total 16 colors. F2 to select color
forward, (Shift) F2 to select color backward
F3 key
Calendar, only for Status Page Setup Menu
F4 key
Reserved
F5 key
Restore the previous CMOS value from CMOS, only for
Option Page Setup Menu
F6 key
Load the default CMOS value from BIOS default table, only
for Option Page Setup Menu
F7 key
Load the default
F8 key
Reserved
F9 key
Reserved
F10 key
Save all the CMOS changes, only for Main Menu
4.2.1 Getting Help
Press F1 to pop up a small help window that describes the appropriate
keys to use and the possible selections for the highlighted item. To exit
the Help Window press <Esc> or the F1 key again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com