전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-7002 데이터시트(PDF) 23 Page - BOSER Technology Co., Ltd

부품명 HS-7002
상세설명  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSER [BOSER Technology Co., Ltd]
홈페이지  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 데이터시트(HTML) 23 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 22Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 23Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 24Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 25Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 26Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 27Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
17
CN14: COM4 Connector (5x2 Header)
PIN Description PIN Description
1
DCD3
2
DSR3
3
RXDD3
4
RTS3
5
TXDD3
6
CTS3
7
DTR3
8
RI3
9
GND
10
N/C
2
4
6
8
10
1
3
5
7
9
DSR3
RTS3
CTS3
N/C
RI3
DCD3
RXDD3
TXDD3
GND
DTR3
The onboard COM2 may be configured as RS-232, RS-422, or
RS-485.
CN11: RS-422/485 Connector (5x2 Header)
PIN Description PIN Description
1
TX-
2
TX+
3
RX+
4
RX-
5
GND
6
RTS-
7
RTS+
8
CTS+
9
CTS-
10
N/C
2
4
6
8
10
1
3
5
7
9
TX+
RX-
RTS-
N/C
CTS+
TX-
RX+
GND
CTS-
RTS+
JP1/JP2/JP4/JP5: COM2 Use RS-232 or RS-422/485 Select
Options
Settings
RS-232 (default)
Short 2-3
RS-422/485
Short 1-2
1
3
3.12 IrDA Connector
CN4 is a 5-pin internal FIR communication connector for connection of
an IrDA device.
CN4: IrDA Connector
PIN
Description
1
VCC
2
N/C
3
IRRX
4
GND
5
IRTX
VCC
N/C
IRRX
IRTX
1
GND
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com