전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-7002 데이터시트(PDF) 43 Page - BOSER Technology Co., Ltd

부품명 HS-7002
상세설명  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSER [BOSER Technology Co., Ltd]
홈페이지  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 데이터시트(HTML) 43 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 40Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 41Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 42Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 43Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 44Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 45Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 46Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 47Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
37
4.11 Frequency/Voltage Control
Phoenix – AwardBIOS CMOS Setup Utility
Frequency/Voltage Control
CPU Clock Ratio
[8X]
Item Help
Auto Detect DIMM/PCI Clk
[Enabled]
Menu Level
Spread Spectrum
[Disabled]
Change the day, month,
year and century
: Select Item + / - /PU/PD: Value
F10: Save
ESC: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults F7: Optimized Defaults
4.12 Load Fail-Safe Defaults
When you press <Enter> on this item you will get a confirmation dialog
box with a message shown below. This option allows you to
load/restore the BIOS default values permanently stored in the BIOS
ROM. Pressing ‘Y’ loads the BIOS default values for the most stable,
minimal-performance system operations.
Phoenix – AwardBIOS CMOS Setup Utility
STANDARD CMOS Features
Frequency/Voltage Control
Advanced BIOS Features
Load Fail-Safe Defaults
Advanced Chipset Features
Load Optimized Defaults
Integrated Peripherals
Set Supervisor Password
Power Management
word
PnP/PCI Configura
Load Fail-Safe Defaults (Y/N)? N
etup
PC Health Status
Saving
Esc : Quit
: Select Item
F10 : Save & Exit Setup
Load Fail-Safe Defaults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com