전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-7002 데이터시트(PDF) 26 Page - BOSER Technology Co., Ltd

부품명 HS-7002
상세설명  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSER [BOSER Technology Co., Ltd]
홈페이지  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 데이터시트(HTML) 26 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 22Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 23Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 24Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 25Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 26Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 27Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 28Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 29Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 30Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
20
CN13: USB4/USB5 Connector
PIN Description PIN Description
1
VCC
2
VCC
3
BD5-
4
BD4-
5
BD5+
6
BD4+
7
GND
8
GND
1
2
7
8
CN19: External USB Connector
PIN Description
1
VCC
3
BD6-
5
BD6+
7
GND
14
3.16 CMOS Data Clear
The HS-7002 has a Clear CMOS jumper on JP3.
JP3: Clear CMOS
Optional
Settings
Normal Operation (default)
Short 1-2
Clear CMOS
Short 2-3
13
IMPORTANT: Before you turn on the power of your system, please
set JP3 to short 1-2 for normal operation.
3.17 Power and Fan Connectors
The HS-7002 provides one 4-pin and one 20-pin ATX power
connectors at CN1 and CN5.
The HS-7002 must use P4 power supply. One of 4-pin connectors is for
+12V lead which should be connected to CN1.
A 20-pin ATX Power Connector can be connected to Backplane or to
CN5. If a 20-pin ATX Power Connector connects to Backplane, please
make sure CN23 and Backplane’s 5-pin ATX controller is connected
together!
IMPORTANT: Please plug CN1 (4-pin ATX power connector) before
CN5 (20-pin ATX power connector) for protecting
hardware circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com