전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-7002 데이터시트(PDF) 11 Page - BOSER Technology Co., Ltd

부품명 HS-7002
상세설명  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSER [BOSER Technology Co., Ltd]
홈페이지  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 데이터시트(HTML) 11 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 7Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 8Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 9Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 10Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 11Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 12Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 13Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 15Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
5
Chapter 2
Unpacking
2.1
Opening the Delivery Package
The HS-7002 is packed in an anti-static bag. The board has
components that are easily damaged by static electricity. Do not
remove the anti-static wrapping until proper precautions have been
taken. Safety Instructions in front of this manual describe anti-static
precautions and procedures.
2.2
Inspection
After unpacking the board, place it on a raised surface and carefully
inspect the board for any damage that might have occurred during
shipment. Ground the board and exercise extreme care to prevent
damage to the board from static electricity.
Integrated circuits will sometimes come out of their sockets during
shipment. Make sure all integrated circuits, particularly the BIOS,
processor, memory modules, ROM-Disk, and keyboard controller chip
are firmly seated. The HS-7002 delivery package contains the following
items:
HS-7002 Board x 1
Utility CD Disk x 1
Cables Package x 1
Cooling Fan x 1
Jumper Bag x 1
User’s Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com