전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-7002 데이터시트(PDF) 40 Page - BOSER Technology Co., Ltd

부품명 HS-7002
상세설명  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSER [BOSER Technology Co., Ltd]
홈페이지  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 데이터시트(HTML) 40 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 37Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 38Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 40Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 41Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 42Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 43Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 44Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
34
Phoenix – AwardBIOS CMOS Setup Utility
Onboard Device
USB Controller
[Enabled]
Item Help
USB 2.0 Controller
[Enabled]
Menu Level
USB Keyboard Support
[Enabled]
USB Mouse Support
[Disabled]
AC97 Audio
[Auto]
: Select Item + / - /PU/PD: Value
F10: Save
ESC: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults F7: Optimized Defaults
Phoenix – AwardBIOS CMOS Setup Utility
SuperIO Device
POWER ON Function
[BUTTON ONLY]
Item Help
KB Power ON Password
[Enter]
Menu Level
Hot Key Power ON
[Ctrl-F1]
Onboard FDC Controller
[Enabled]
Onboard Serial Port 1
[3F8/IRQ4]
Onboard Serial Port 2
[2F8/IRQ3]
UART Mode Select
[Normal]
RXD , TXD Active
[Hi, Lo]
IT Transmission Delay
[Enabled]
UR2 Duplex Mode
[Half]
Use IR Pins
[IR-RX2TX2]
Onboard Parallel Port
[378/IRQ7]
Parallel Port Mode
[SPP]
ECP Mode Select
[EPP1.7]
ECP Mode Use DMA
[3]
PWRON After PWR-Fail
[Off]
Mini Port Address
[Disabled]
Mini Port IRQ
5
Onboard Serial Port 3
[3E8]
Serial Port 3 Use IRQ
[IRQ10]
Onboard Serial Port 4
[2E8]
Serial Port 4 Use IRQ
[IRQ11]
: Select Item + / - /PU/PD: Value
F10: Save
ESC: Quit
F1: General Help
F5: Previous Values
F6: Fail-Safe Defaults F7: Optimized Defaults



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com