전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS-7002 데이터시트(PDF) 9 Page - BOSER Technology Co., Ltd

부품명 HS-7002
상세설명  800MHz FSB Pentium짰 4 Industrial Single Board Computer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSER [BOSER Technology Co., Ltd]
홈페이지  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7002 데이터시트(HTML) 9 Page - BOSER Technology Co., Ltd

Back Button HS-7002 Datasheet HTML 5Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 6Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 7Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 8Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 9Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 10Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 11Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 12Page - BOSER Technology Co., Ltd HS-7002 Datasheet HTML 13Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
3
1.2
Specifications
CPU: PGA 478 for Intel
® Pentium® 4 CPU with Hyper-Threading
Technology up to 3.2GHz
Bus Interface: PICMG Bus
Front Side Bus: Supports 400/533/800MHz FSB
Memory: Two DDR sockets supporting DDR-266/333/400 up to 2GB
Chipset: Intel
® 82865GV/82801EB
I/O Chipset: Winbond W83627
ISA Bridge: ITE IT8888 (16-bit)
VGA: Intel
® 82865GV with 1MB/8MB/16MB shared main memory
supporting CRT display up to 1600 x 1200 at 32-bit colors at 60Hz
LVDS Panel: Supports LVDS interface (optional)
TV-Out: Supports PAL or NTSC TV systems (optional)
LAN: Intel
® 82562EZ 10/100 Based (or 82547EI 100/1000 Based) and
82540 100/1000 Based LAN
Audio: AC97 3D audio controller
Serial ATA: Intel
® ICH5 controller and with two ports supporting transfer
rate up to 150MB/sec.
IDE: Four IDE disk drives supporting ATA/33/66/100 and with transfer
rates of up to 33/66/100MB/sec.
FDD: Supports up to two floppy disk drives
Parallel: One enhanced bi-directional parallel port supporting
SPP/ECP/EPP
Serial Port: 16C550 UART-compatible RS-232/422/485 x 1 and RS-232
x 3 serial ports with 16-byte FIFO
PC/104: PC/104 connector for 16-bit ISA Bus
IrDA: One IrDA TX/RX header
USB: Seven USB2.0 ports, six internal and one external
Keyboard/Mouse: PS/2 6-pin Mini DIN
BIOS: Award PnP Flash BIOS
Watchdog Timer: Software programmable time-out intervals from
1~256sec.
CMOS: Battery backup
Temperature: 0~60°C (operating)
Hardware Monitor: Winbond W83627
Board Size: 33.8(L) x 12.1(W) cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com