| 전자부품 데이터시트 검색엔진 |
|
EM351-RTR 데이터시트(PDF) 206 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM351-RTR 데이터시트(HTML) 206 Page - List of Unclassifed Manufacturers |
|
206 / 240 page ![]() EM351 / EM357 11-7 120-035X-000D Preliminary 11.5 Registers INT_CFGSET Top-Level Set Interrupts Configuration Register Address: 0xE000E100 Reset: 0x0 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 INT_DEBUG 15 14 13 12 11 10 9 8 INT_IRQD INT_IRQC INT_IRQB INT_IRQA INT_ADC INT_MACRX INT_MACTX INT_MACTMR 7 6 5 4 3 2 1 0 INT_SEC INT_SC2 INT_SC1 INT_SLEEPTMR INT_BB INT_MGMT INT_TIM2 INT_TIM1 Bitname Bitfield Access Description INT_DEBUG [16] RW Write 1 to enable debug interrupt. (Writing 0 has no effect.) INT_IRQD [15] RW Write 1 to enable IRQD interrupt. (Writing 0 has no effect.) INT_IRQC [14] RW Write 1 to enable IRQC interrupt. (Writing 0 has no effect.) INT_IRQB [13] RW Write 1 to enable IRQB interrupt. (Writing 0 has no effect.) INT_IRQA [12] RW Write 1 to enable IRQA interrupt. (Writing 0 has no effect.) INT_ADC [11] RW Write 1 to enable ADC interrupt. (Writing 0 has no effect.) INT_MACRX [10] RW Write 1 to enable MAC receive interrupt. (Writing 0 has no effect.) INT_MACTX [9] RW Write 1 to enable MAC transmit interrupt. (Writing 0 has no effect.) INT_MACTMR [8] RW Write 1 to enable MAC timer interrupt. (Writing 0 has no effect.) INT_SEC [7] RW Write 1 to enable security interrupt. (Writing 0 has no effect.) INT_SC2 [6] RW Write 1 to enable serial controller 2 interrupt. (Writing 0 has no effect.) INT_SC1 [5] RW Write 1 to enable serial controller 1 interrupt. (Writing 0 has no effect.) INT_SLEEPTMR [4] RW Write 1 to enable sleep timer interrupt. (Writing 0 has no effect.) INT_BB [3] RW Write 1 to enable baseband interrupt. (Writing 0 has no effect.) INT_MGMT [2] RW Write 1 to enable management interrupt. (Writing 0 has no effect.) INT_TIM2 [1] RW Write 1 to enable timer 2 interrupt. (Writing 0 has no effect.) INT_TIM1 [0] RW Write 1 to enable timer 1 interrupt. (Writing 0 has no effect.) |