전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM912F634CV2AP 데이터시트(PDF) 53 Page - Freescale Semiconductor, Inc

부품명 MM912F634CV2AP
상세설명  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP 데이터시트(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 49Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 50Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 51Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 52Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 53Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 54Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 55Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 56Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 335 page
background image
Functional Description and Application Information
MM912F634 - Analog Die Overview
MM912F634
Freescale Semiconductor
53
4.2.3.1.3
Functional Considerations
•
The complete Current Sense Module is not available.
•
The ADC Channel 9 is not available.
4.2.3.2
Wake-up Inputs (Lx)
For device options with reduced number of wake up inputs (Lx), the following considerations are to be made.
4.2.3.2.1
Pinout Considerations
4.2.3.2.2
Register Considerations
The Lx - Bit for the not available Lx input in the Lx Status Register must be ignored.
The Lx Control register for the not available Lx input must be written 0.
A not available Lx input can not be selected as Wake-up Source and must have its LxWE bit set to 0.
The Wake-up Source Register for not available Lx inputs must be ignored.
The Conversion Control Register for the not available Lx analog input (3…8) must always be written 0.
Table 70. Lx - Pin Considerations
PIN
PIN Name for
Option 1
New PIN
name
Comment
31…36
Lx
NC
One or more Lx wake up inputs are not available based on the analog die option. Not available Lx
inputs are not bonded and/or not tested. Connect not available Lx pins (NC) to GND. RLx is not
required on those pins.
Offset
Name
76
54
321
0
0x08
LXR
R
0
0
L5
L4
L3
L2
L1
L0
Lx Status Register
W
0x09
LXCR
R
0
0
L5DS
L4DS
L3DS
L2DS
L1DS
L0DS
Lx Control Register
W
0x12
WCR
R
CSSEL
L5WE
L4WE
L3WE
L2WE
L1WE
L0WE
Wake Up Control Register
W
0x14
WSR
R
FWU
LINWU
L5WU
L4WU
L3WU
L2WU
L1WU
L0WU
Wake Up Source Register
W
0x82
ACCR (hi)
R
CH15
CH14
0
CH12
CH11
CH10
CH9
CH8
ADC Conversion Ctrl Reg
W
0x83
ACCR (lo)
R
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
ADC Conversion Ctrl Reg
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com