전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM912F634CV2AP 데이터시트(PDF) 63 Page - Freescale Semiconductor, Inc

부품명 MM912F634CV2AP
상세설명  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP 데이터시트(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 59Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 60Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 61Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 62Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 63Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 64Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 65Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 66Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 335 page
background image
Functional Description and Application Information
Power Supply
MM912F634
Freescale Semiconductor
63
4.4.4
Register Definition
4.4.4.1
Voltage Control Register (VCR)
Table 74. Voltage Control Register (VCR)
Offset(61) 0x04
Access: User read/write
7
6
5
432
10
R
0
0
0
VROVIE
HTIE
HVIE
LVIE
LBIE
W
Reset
0
0
000
00
0
Note:
61. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 75. VCR - Register Field Descriptions
Field
Description
4
VROVIE
Voltage Regulator Over-voltage Interrupt Enable — Enables the interrupt for the Regulator Over-voltage Condition.
0 - Voltage Regulator Over-voltage Interrupt is disabled
1 - Voltage Regulator Over-voltage Interrupt is enabled
3
HTIE
High Temperature Interrupt Enable — Enables the interrupt for the Voltage Regulator (VDD/VDDX) Temperature Warning.
0 - High Temperature Interrupt is disabled
1 - High Temperature Interrupt is enabled
2
HVIE
High Voltage Interrupt Enable — Enables the interrupt for the VS2 - High Voltage Warning.
0 - High Voltage Interrupt is disabled
1 - High Voltage Interrupt is enabled
1
LVIE
Low Voltage Interrupt Enable — Enables the interrupt for the VS1 - Low Voltage Warning.
0 - Low Voltage Interrupt is disabled
1 - Low Voltage Interrupt is enabled
0
LBIE
Low Battery Interrupt Enable — Enables the interrupt for the VSENSE - Low Battery Voltage Warning.
0 - Low Battery Interrupt is disabled
1 - Low Battery Interrupt is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com