전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM912F634CV2AP 데이터시트(PDF) 75 Page - Freescale Semiconductor, Inc

부품명 MM912F634CV2AP
상세설명  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP 데이터시트(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 71Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 72Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 73Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 74Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 75Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 76Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 77Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 78Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 335 page
background image
Functional Description and Application Information
Wake-up / Cyclic Sense
MM912F634
Freescale Semiconductor
75
4.8.2.2
Timing Control Register (TCR)
Table 87. Timing Control Register (TCR)
Offset(68) 0x13
Access: User read/write
76
543
210
R
FWM
CST
W
Reset
0
000
00
00
Note:
68. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 88. TCR - Register Field Descriptions
Field
Description
7-4
FWM
Forced Wake-up Multiplicator - Configures the multiplicator for the forced wake-up. The selected multiplicator (FWM!=0) will
force a wake-up every FWM x CST ms. With this implementation, Forced and Cyclic wake-up can be performed in parallel
with the cyclic sense period <= the forced wake-up period.
0000 - Forced Wake-up = Off
0001 - 1x
0010 - 2x
0011 - 4x
0100 - 8x
0101 - 16x
0110 - 32x
0111 - 64x
1000 - 128x
1001 - 256x
1010 - 512x
1011 - 1024x
11xx - not implemented (Forced Wake Multiplicator = 1024x)
3-0
CST
Cyclic Sense Timing(69) -
0000 - 1.0 ms
0001 - 2.0 ms
0010 - 5.0 ms
0011 - 10 ms
0100 - 20 ms
0101 - 50 ms
0110 - 100 ms
0111 - 200 ms
1000 - 500 ms
1001 - 1000 ms
1010 - 1111 - not implemented (Cyclic Sense Timing = 1000 ms)
Note:
69. Cyclic Sense Timing with Accuracy CSAC and CSACT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com