전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM912F634CV2AP 데이터시트(PDF) 67 Page - Freescale Semiconductor, Inc

부품명 MM912F634CV2AP
상세설명  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP 데이터시트(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 63Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 64Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 65Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 66Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 67Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 68Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 69Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 70Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 335 page
background image
Functional Description and Application Information
Interrupts
MM912F634
Freescale Semiconductor
67
4.6.1.2
Interrupt Vector Emulation by Priority
To allow a vector based interrupt handling by the MCU, the number of the highest prioritized interrupt pending is returned in the
Interrupt Vector Register. To allow an offset based vector table, the result is pre-shifted (multiple of 2). Reading this register will
not acknowledge an interrupt. An additional D2D access is necessary to serve the specific module.
4.6.1.2.1
Interrupt Vector Register (IVR)
The following table is listing all MM912F634 analog die interrupt sources with the corresponding priority.
Table 79. ISR - Register Field Descriptions
Field
Description
0 - VSI
VSI - Voltage Status Interrupt combining the following sources:
• Low Battery Interrupt
• Low Voltage Interrupt
• High Voltage Interrupt
• Voltage Regulator Over-voltage Interrupt
• Voltage Regulator High Temperature Interrupt
1 - CH0
CH0 - TIM Channel 0 Interrupt
2 - CH1
CH1 - TIM Channel 1 Interrupt
3 - CH2
CH2 - TIM Channel 2 Interrupt
4 - CH3
CH3 - TIM Channel 3 Interrupt
5 - TOV
TOV - Timer Overflow Interrupt
6 - ERR
ERR - SCI Error Interrupt
7 - TX
TX - SCI Transmit Interrupt
8 - RX
RX - SCI Receive Interrupt
9 - SCI
SCI - ADC Sequence Complete Interrupt
10 - LINOT
LINOT - LIN Driver Over-temperature Interrupt
11 - HSOT
HSOT - High Side Over-temperature Interrupt
12 - LSOT
LSOT - Low Side Over-temperature Interrupt
13 - HOT
HOT - HSUP Over-temperature Interrupt
Table 80. Interrupt Vector Register (IVR)
Offset(64) 0x02
Access: User read
76
543
210
R
0
0
IRQ
W
Note:
64. Offset related to 0x0200 for blocking access and 0x300 for non blocking access within the global address space.
Table 81. IVR - Register Field Descriptions
Field
Description
5:0
IRQ
Represents the highest prioritized interrupt pending. See Table 82 In case no interrupt is pending, the result will be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com