전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM912F634CV2AP 데이터시트(PDF) 83 Page - Freescale Semiconductor, Inc

부품명 MM912F634CV2AP
상세설명  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP 데이터시트(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 79Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 80Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 81Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 82Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 83Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 84Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 85Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 86Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 335 page
background image
Functional Description and Application Information
Low Side Drivers - LSx
MM912F634
Freescale Semiconductor
83
4.12
Low Side Drivers - LSx
4.12.1
Introduction / Features
These outputs are two Low Side drivers intended to drive relays (inductive loads) incorporating the following features:
•
PWM capability
•
Open load detection
•
Current limitation
•
Over-temperature shutdown (with maskable interrupt)
•
Active clamp
•
Independent VREG - High Voltage Shutdown
4.12.1.1
Block Diagram
The following Figure shows the basic structure of the LS drivers.
Figure 22. Low Side Drivers - Block Diagram
4.12.1.2
Modes of Operation
The Low Side module is active only in Normal mode; the Low Side drivers are disabled in Sleep and Stop mode.
4.12.2
External Signal Description
This section lists and describes the signals that do connect off-chip. Table 101 shows all the pins and their functions that are
controlled by the Low Side module.
Table 101. Pin Functions and Priorities
Pin Name
Pin Function & Priority
I/O
Description
Pin Function after Reset
LS1
High Voltage Output
O
Low Side Power Output Driver, Active Clamping
LS1
LS2
O
LS2
ANALOG
LSx
Low Side - Driver
(active clamp)
open load detection
current limitation
overtemperture shutdown (maskable interrupt)
VREG high voltage shutdown (maskable interrupt)
PGND
active
clamp
Interrupt
Control
Module
LSOTIE
LS - Control
LSx
LSxOL
LSxCL
MODE[1:0]
on/off
Status
PWMLSx
LSOTC
PWMCSx
VROVC
VROVIE
Vreg high
voltage
LSCEN[3:0]
VDD Digital
Sleep2p5 Digital
4Bit
4Bit
VREG HV
Shutdown
Latch
Control
1Bit
Located in VCR
Located in VSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com