전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM912F634CV2AP 데이터시트(PDF) 87 Page - Freescale Semiconductor, Inc

부품명 MM912F634CV2AP
상세설명  Integrated S12 Based Relay Driver with LIN
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912F634CV2AP 데이터시트(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MM912F634CV2AP Datasheet HTML 83Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 84Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 85Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 86Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 87Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 88Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 89Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 90Page - Freescale Semiconductor, Inc MM912F634CV2AP Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 335 page
background image
Functional Description and Application Information
PWM Control Module (PWM8B2C)
MM912F634
Freescale Semiconductor
87
4.13
PWM Control Module (PWM8B2C)
4.13.1
Introduction
To control the High Side (HS1, HS2) and the Low Side (LS1, LS2) duty cycle as well as the PTB2 output, the PWM module is
implemented. Refer to the individual driver section for details on the use of the internal PWM1 and PWM0 signal (Section 4.11,
“High Side Drivers - HS", Section 4.12, “Low Side Drivers - LSx" and Section 4.17, “General Purpose I/O - PTB[0…2]")
The PWM definition is based on the HC12 PWM definitions with some of the simplifications incorporated. The PWM module has
two channels with independent controls of left and center aligned outputs on each channel.
Each of the two channels has a programmable period and duty cycle as well as a dedicated counter. A flexible clock select
scheme allows a total of four different clock sources to be used with the counters. Each of the modulators can create independent
continuous waveforms with software-selectable duty rates from 0% to 100%.
4.13.1.1
Features
The PWM block includes these distinctive features:
•
Two independent PWM channels with programmable periods and duty cycles
•
Dedicated counter for each PWM channel
•
Programmable PWM enable/disable for each channel
•
Software selection of PWM duty pulse polarity for each channel
•
Period and duty cycle are double buffered. Change takes effect when the end of the effective period is reached (PWM
counter reaches zero), or when the channel is disabled
•
Programmable center or left aligned outputs on individual channels
•
Four clock sources (A, B, SA, and SB) provide for a wide range of frequencies
•
Programmable clock select logic
4.13.1.2
Modes of Operation
The PWM8B2C module does operate in Normal mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com